Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4697BCPZ Datasheet(PDF) 92 Page - Analog Devices

Part # AD4697BCPZ
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697BCPZ Datasheet(HTML) 92 Page - Analog Devices

Back Button AD4697BCPZ Datasheet HTML 88Page - Analog Devices AD4697BCPZ Datasheet HTML 89Page - Analog Devices AD4697BCPZ Datasheet HTML 90Page - Analog Devices AD4697BCPZ Datasheet HTML 91Page - Analog Devices AD4697BCPZ Datasheet HTML 92Page - Analog Devices AD4697BCPZ Datasheet HTML 93Page - Analog Devices AD4697BCPZ Datasheet HTML 94Page - Analog Devices AD4697BCPZ Datasheet HTML 95Page - Analog Devices AD4697BCPZ Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 107 page
background image
Data Sheet
AD4697/AD4698
REGISTER INFORMATION
analog.com
Rev. 0 | 92 of 107
Vendor ID (Lower Byte) Register
Address: 0x000C, Reset: 0x56, Name: VENDOR_L
Table 36. Bit Descriptions for VENDOR_L
Bits
Bit Name
Description
Reset
Access
[7:0]
VENDOR_ID[7:0]
Vendor Identification Field. The VENDOR_ID[15:0] field is the same value (0x0456) for all Analog Devices precision
ADCs.
0x56
R
Vendor ID (Upper Byte) Register
Address: 0x000D, Reset: 0x04, Name: VENDOR_H
Table 37. Bit Descriptions for VENDOR_H
Bits
Bit Name
Description
Reset
Access
[7:0]
VENDOR_ID[15:8]
Vendor Identification Field. The VENDOR_ID[15:0] field is the same value (0x0456) for all Analog Devices
precision ADCs.
0x04
R
Loop Mode Register
Address: 0x000E, Reset: 0x00, Name: LOOP_MODE
Table 38. Bit Descriptions for LOOP_MODE
Bits
Bit Name
Description
Reset
Access
[7:0]
LOOP_COUNT
Loop Count Field. This field specifies the number of registers to loop through for each SPI frame when streaming
mode is selected (see the Streaming Mode section). A value of 0x00 disables looping. Values between 0x01 and
0xFF set the number of registers to loop through before returning to the original register address.
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com