Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4697BCPZ Datasheet(PDF) 88 Page - Analog Devices

Part # AD4697BCPZ
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697BCPZ Datasheet(HTML) 88 Page - Analog Devices

Back Button AD4697BCPZ Datasheet HTML 84Page - Analog Devices AD4697BCPZ Datasheet HTML 85Page - Analog Devices AD4697BCPZ Datasheet HTML 86Page - Analog Devices AD4697BCPZ Datasheet HTML 87Page - Analog Devices AD4697BCPZ Datasheet HTML 88Page - Analog Devices AD4697BCPZ Datasheet HTML 89Page - Analog Devices AD4697BCPZ Datasheet HTML 90Page - Analog Devices AD4697BCPZ Datasheet HTML 91Page - Analog Devices AD4697BCPZ Datasheet HTML 92Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 107 page
background image
Data Sheet
AD4697/AD4698
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 88 of 107
LAYOUT GUIDELINES
The following are suggested layout techniques for achieving optimal
performance of the AD4697/AD4698 populated on a PCB. An ex-
ample PCB layout with the 16-channel equivalent device (AD4696)
is provided in the user guide for the AD4696 evaluation board
(EVAL-AD4696FMCZ).
Analog traces (that is, traces connected to the analog inputs and
reference input) must be physically separated from the digital traces
(that is, traces to the CNV input, SPI, and general-purpose pins)
to limit cross coupling from fast switching digital signals into the
analog input signals. Add ground fill between analog and digital
traces on the same PCB layer. Do not cross digital traces over
the analog traces or the AD4697/AD4698 device without a ground
plane PCB layer in between. The analog and digital pins on the
AD4697/AD4698 are arranged to facilitate separation of analog and
digital traces.
The AD4697/AD4698 analog inputs (IN0 to IN7) have a dynam-
ic input impedance due to the multiplexer and ADC core input
switches, which toggle between conversions. An external capacitor
is recommended to reduce nonlinear voltage steps at the analog
inputs. Place these external capacitors as close to the analog
inputs as possible to minimize parasitic impedance between the
two, which could degrade performance. See the Analog Front-End
Design section for more information.
The AD4697/AD4698 voltage reference input, REF, also has a
dynamic input impedance. The effective impedance between the
reference drive circuitry output and the REF input must be very low,
and a decoupling capacitor must be placed as close to the REF
pin as possible. If the internal reference buffer is not used, connect
the external reference circuitry to the REF pin with wide traces to
minimize the trace impedance (see the Reference Circuitry Design
section).
The power supplies of the AD4697/AD4698 must be decoupled with
low effective series resistance (ESR) ceramic capacitors placed
close to the supply pins, and the supplies must be connected using
short, wide traces to provide low impedance paths and to reduce
the effect of glitches on the power supply lines (see the Power
Supplies section). If LDO_IN is powered from the same supply as
AVDD, short the pins with a wide common trace, and use a single
100 nF capacitor to decouple both pins.
The AN-617 Application Note has information on PCB layout and
assembly for the WLCSP.
EVALUATING AD4697/AD4698 PERFORMANCE
The AD4697/AD4698 evaluation tool offerings include a fully as-
sembled and tested evaluation board (EVAL-AD4696FMCZ) includ-
ing the 16-channel equivalent device (AD4696), evaluation software
for controlling the board from a PC, and support documentation
for the hardware and software. The evaluation software requires
the EVAL-SDP-CH1Z controller board to establish communication
between the PC and the EVAL-AD4696FMCZ board.
The EVAL-AD4696FMCZ board allows for prototyping the AFE cir-
cuitry and reference circuitry with the various digital features offered
by the AD4697/AD4698. It also features a standard 160-pin field-
programmable gate array (FPGA) mezzanine card (FMC) connector
and 12-pin extended SPI peripheral module (PMOD) connector that
allows prototyping communication between the on-board AD4696
and many third-party FPGA development boards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com