Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4697BCPZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD4697BCPZ
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697BCPZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD4697BCPZ Datasheet HTML 7Page - Analog Devices AD4697BCPZ Datasheet HTML 8Page - Analog Devices AD4697BCPZ Datasheet HTML 9Page - Analog Devices AD4697BCPZ Datasheet HTML 10Page - Analog Devices AD4697BCPZ Datasheet HTML 11Page - Analog Devices AD4697BCPZ Datasheet HTML 12Page - Analog Devices AD4697BCPZ Datasheet HTML 13Page - Analog Devices AD4697BCPZ Datasheet HTML 14Page - Analog Devices AD4697BCPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 107 page
background image
Data Sheet
AD4697/AD4698
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 11 of 107
Table 3.
Parameter
Rating
Analog Inputs
INn1, COM to REFGND
−0.3 V to REF + 0.3 V
Reference Inputs
REF, REFIN to AGND, REFGND, IOGND
−0.3 V to +6 V
REF to REFIN
−6.3 V to +6.3 V
Supply Inputs
AVDD, LDO_IN to AGND, REFGND, IOGND
−0.3 V to +6 V
VDD, VIO to AGND, REFGND, IOGND
−0.3 V to +2.1 V
AVDD to LDO_IN
−6.3 V to +6.3 V
AVDD, LDO_IN to REF
−6.3 V to +6.3 V
VDD, VIO to AVDD, LDO_IN, REF
−6.3 V to +2.4 V
VDD to VIO
−2.4 V to +2.4 V
Ground
AGND, IOGND to REFGND
−0.3 V to +0.3 V
AGND to IOGND
−0.3 V to +0.3 V
Digital Inputs2 to IOGND
−0.3 V to +6 V
Digital Outputs2 to IOGND
−0.3 V to VIO + 0.3 V
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Lead Temperature Soldering
260°C reflow, as per
JEDEC J-STD-020
1 INn refers to the analog inputs, Pin IN0 through Pin IN7.
2 See the Pin Configuration and Function Descriptions section for a list of the
digital input and digital output pins.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJA is specified for worst case conditions and is the natural con-
vection junction-to-ambient thermal resistance measured in a one
cubic foot sealed enclosure, and θJC is the junction-to-case thermal
resistance.
Thermal resistance values specified in Table 4 were calculated
based on JEDEC specifications and must be used in compliance
with JESD51-12. The worst case junction temperature is reported.
θJA is highly dependent on the application and board layout. In
applications where high maximum power dissipation exists, close
attention to thermal board design is required. The θJA value can
vary depending on PCB material, layout, and environmental condi-
tions.
Table 4. Thermal Resistance
Package Type
θJA1
θJC2
Unit
CP-24-8
41.8
15
°C/W
CB-36-5
41.8
0.1
°C/W
1 Simulated values are based on the JEDEC 2S2P thermal test board with
nine thermal vias in a JEDEC natural convection environment. See JEDEC
JESD-51.
2 Simulated values are measured to the package top surface with a cold plate
attached directly to the package top surface.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Field induced charged device model (FICDM) per ANSI/ESDA/JE-
DEC JS-002.
ESD Ratings for AD4697/AD4698
Table 5. AD4697/AD4698, 24-Lead LFCSP
ESD Model
Withstand Threshold (kV)
Class
HBM
4
2
FICDM
1.25
C3
Table 6. AD4698, 36-Lead WLCSP
ESD Model
Withstand Threshold (kV)
Class
HBM
3
2
FICDM
1
C3
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com