Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4697BCPZ Datasheet(PDF) 78 Page - Analog Devices

Part # AD4697BCPZ
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697BCPZ Datasheet(HTML) 78 Page - Analog Devices

Back Button AD4697BCPZ Datasheet HTML 74Page - Analog Devices AD4697BCPZ Datasheet HTML 75Page - Analog Devices AD4697BCPZ Datasheet HTML 76Page - Analog Devices AD4697BCPZ Datasheet HTML 77Page - Analog Devices AD4697BCPZ Datasheet HTML 78Page - Analog Devices AD4697BCPZ Datasheet HTML 79Page - Analog Devices AD4697BCPZ Datasheet HTML 80Page - Analog Devices AD4697BCPZ Datasheet HTML 81Page - Analog Devices AD4697BCPZ Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 107 page
background image
Data Sheet
AD4697/AD4698
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 78 of 107
Figure 120. AD4698 SPI Connection Diagram (Quad-SDO Mode)
Figure 120 shows a connection diagram for interfacing the AD4698
SPI to a digital host SPI peripheral when configured in quad-SDO
mode (available on the WLCSP option only). Table 19 shows
the general-purpose pin assignments on the LFCSP and WCLSP
options for dual-SDO mode and quad-SDO mode. Route the pins
assigned as SDO1, SDO2, and SDO3 the additional MISO inputs
on the digital host (MISO1, MISO2, and MISO3, respectively).
It is recommended to include pull-up resistors on all pins assigned
as serial data outputs as shown in Table 19, especially when
the busy indicator is enabled on SDO (see the Busy Indicator on
Serial Data Outputs section). It is also recommended to include
pull-up resistors on the CS, SCK, and SDI lines if the outputs on
the host SPI peripheral are expected to be tristate or undefined
during operation. The specific value of the pull-up resistors must
be determined based on the edge rate requirements and trace
capacitance for each line.
SPI Peripheral Synchronization in Conversion
Mode
The AD4697/AD4698 have a 4-wire SPI in SPI Mode 3 for access-
ing register contents and ADC results. The digital host must at
minimum include a 4-wire SPI-compatible peripheral to operate the
AD4697/AD4698 (see the SPI Peripheral Connections section).
In conversion mode, the SPI transfers must begin after tCONVERT
has elapsed and must complete within tSCKCNV before the next
CNV rising edge (see Table 2 and in the timing diagrams in the
Conversion Mode Timing Diagrams section). To ensure that the
conversion mode timing requirements are met, the digital host
SPI peripheral must either be synchronized to the clock source
generating the CNV signal or to the busy indicator output from the
AD4697/AD4698. The SCK frequency must also be sufficiently high
to ensure that all conversion mode results are clocked out before
the start of the next conversion frame (see the Conversion Mode
SPI Clock Frequency Requirements section).
Figure 121 shows a simplified connection diagram and software
architecture for operating the AD4697/AD4698 with only a 4-wire
SPI. The CNV input is driven by the CS output from the digital
host SPI peripheral. The configuration in Figure 121 requires the
CS signal to be periodic with deterministic rising edge timing to
achieve the necessary jitter for the application. Synchronize the SPI
frames to a timer peripheral, and the CS output must have a well
defined duty cycle. Figure 101 shows a SPI timing diagram using
the configuration in Figure 121.
Figure 122 shows a simplified connection diagram and software
architecture for using the digital host countdown timer peripheral to
synchronize the host SPI peripheral to the CNV signal source. The
countdown timer is configured to trigger on a CNV rising edge, wait
for tCONVERT to elapse, and then trigger an interrupt service routine
that calls the SPI peripheral to perform a transfer. The countdown
timer is programmed with an integer value (count), which specifies
the number of system clock (SYS_CLK) periods to wait before
calling the SPI transfer interrupt routine. It is recommended to
implement a delay corresponding to the maximum tCONVERT specifi-
cation given in Table 2. In practice, most digital hosts exhibit some
latency between the interrupt service routine triggers and execution,
which increases the delay between the CNV rising edge and the
start of the SPI transfer. Refer to the digital host specifications to
determine the optimal count value for the given application.
Figure 123 shows a simplified connection diagram and software
architecture for utilizing the AD4697/AD4698 busy indicator to syn-
chronize the host SPI peripheral to the ADC conversion timing.
The busy indicator must be enabled on the BSY_ALT_GP0 or GP3
pin as described in the Busy Indicator on General-Purpose Pins
section, and the digital host must have a digital input that can be
configured as a trigger for interrupt service routines. Route the busy
indicator to the interrupt input on the digital host and configure the
interrupts to trigger on the busy indicator falling edge. Because the
busy indicator falling edge is interpreted as the data ready signal,
the digital host is not required to implement any further delays
between the busy indicator falling edge and the start of the SPI
frame.
The configuration in Figure 123 is recommended when utilizing
oversampling because the busy indicator does not go low until the
oversampled result is ready, reducing the number of redundant SPI
transfers that otherwise occur without additional logic (see
Figure 78).
Figure 124 shows a simplified connection diagram and software
architecture for utilizing the AD4697/AD4698 threshold detection
alert indicator to synchronize the host SPI peripheral to the ADC
conversion timing. The alert indicator must be enabled on the
BSY_ALT_GP0 or GP2 pin as described in the Alert Indicator on
General-Purpose Pins section. The configuration in Figure 124 is
ideal in autonomous conversion applications, where the SPI is idle
while the ADC continuously converts until a user defined, out of
bounds condition occurs. The alert indicator is updated at the end
of the conversion phase of the ADC and can therefore be used
as the trigger to start the SPI frame if the SPI frame can be
completed before the start of the next conversion. Typically, the
interrupt service routine called by the alert indicator rising edge
calls the SPI to read back the conversion result and sends the
register configuration mode command over the SDI to put the
AD4697/AD4698 into register configuration mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com