Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4697BCPZ Datasheet(PDF) 89 Page - Analog Devices

Part # AD4697BCPZ
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697BCPZ Datasheet(HTML) 89 Page - Analog Devices

Back Button AD4697BCPZ Datasheet HTML 85Page - Analog Devices AD4697BCPZ Datasheet HTML 86Page - Analog Devices AD4697BCPZ Datasheet HTML 87Page - Analog Devices AD4697BCPZ Datasheet HTML 88Page - Analog Devices AD4697BCPZ Datasheet HTML 89Page - Analog Devices AD4697BCPZ Datasheet HTML 90Page - Analog Devices AD4697BCPZ Datasheet HTML 91Page - Analog Devices AD4697BCPZ Datasheet HTML 92Page - Analog Devices AD4697BCPZ Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 107 page
background image
Data Sheet
AD4697/AD4698
REGISTER INFORMATION
analog.com
Rev. 0 | 89 of 107
REGISTER OVERVIEW
The AD4697/AD4698 have programmable configuration registers
that contain the bits and fields used to monitor device status and
configure the device. Reading or writing to these bits and fields
requires reading or writing to the registers that contain them. The
AD4697/AD4698 SPI is used to read and write to the configuration
registers (see the Register Configuration Mode section).
The AD4697/AD4698 register map memory space is divided into
bytes. Each byte of memory has a unique address, ranging from
0x0000 to 0x017F. Table 31 shows the register memory address
assignments for all of the AD4697/AD4698 configuration registers.
Each configuration register is a single byte or multiple bytes in
length. Registers that are multiple bytes long are called multibyte
registers. The address of each multibyte register is defined as the
address of its least significant byte, but each byte in a multibyte
register has a unique address in the register map memory space.
For example, the STD_SEQ_CONFIG register is two bytes long,
and its least significant byte address is 0x0024 and its most signifi-
cant byte address is 0x0025. The state of the MB_STRICT bit in
the SPI_CONFIG_C register determines whether all bytes in a mul-
tibyte register must be read or written in a single SPI transaction,
or if each individual byte must be read or written in separate SPI
transactions (see the Multibyte Register Access section).
Bits and fields in the AD4697/AD4698 configuration registers are
defined as read only, read/write, or write 1 to clear bits (R/W1C).
Read only bits can only be read from and cannot be updated by SPI
writes from the host SPI. Read/write bits can be read from or written
to. R/W1C can be read from and are only reset to 0 when the digital
host writes a 1 in their memory location.
In the access column of Table 31, registers that contain exclusively
read only bits are represented with R and registers with writeable
bits are represented with R/W. In the access column of
Table 32 through Table 60, read only bits are represented with R,
read/write bits are represented with R/W, and write 1 to clear bits
are represented with R/W1C.
The SPI_STATUS register contains various error flags that indicate
whether a SPI read or write transaction violated one of several as-
pects of the protocols outlined in the Register Configuration Mode
section (see Table 40). The SPI_ERROR bit in the status register is
the bitwise logical OR of the error flags in the SPI_STATUS register
(see Table 41).
Table 31. Configuration Register Names and Descriptions
Address
Name
Description
Length
Reset
Access
0x0000
SPI_CONFIG_A
Interface Configuration A
Single byte
0x10
R/W
0x0001
SPI_CONFIG_B
Interface Configuration B
Single byte
0x00
R/W
0x0003
DEVICE_TYPE
Device type
Single byte
0x07
R
0x000A
SCRATCH_PAD
Scratch pad
Single byte
0x00
R/W
0x000C
VENDOR_L
Vendor ID (lower byte)
Single byte
0x56
R
0x000D
VENDOR_H
Vendor ID (upper byte)
Single byte
0x04
R
0x000E
LOOP_MODE
Loop mode
Single byte
0x00
R/W
0x0010
SPI_CONFIG_C
Interface Configuration C
Single byte
0x23
R/W
0x0011
SPI_STATUS
Interface status
Single byte
0x00
R/W
0x0014
Status
Device status
Single byte
0x20
R
0x0015
ALERT_STATUS1
Alert status (IN0 to IN3)
Single byte
0x00
R
0x0016
ALERT_STATUS2
Alert status (IN4 to IN7)
Single byte
0x00
R
0x001A
CLAMP_STATUS
Clamp status
Single byte
0x00
R
0x0020
Setup
Device setup
Single byte
0x10
R/W
0x0021
REF_CTRL
Reference control
Single byte
0x12
R/W
0x0022
SEQ_CTRL
Sequencer control
Single byte
0x80
R/W
0x0023
AC_CTRL
Autocycle control
Single byte
0x00
R/W
0x0024
STD_SEQ_CONFIG
Standard sequencer configuration
Multibyte
0x0001
R/W
0x0026
GPIO_CTRL
GPIO enable
Single byte
0x00
R/W
0x0027
GP_MODE
General-purpose pin function control
Single byte
0x00
R/W
0x0028
GPIO_STATE
GPIO state
Single byte
0x00
R/W
0x0029
TEMP_CTRL
Temperature sensor control
Single byte
0x00
R/W
0x0030 to 0x0037
CONFIG_INn
Analog input settings configuration
Single byte
0x08
R/W
0x0040 to 0x004E
UPPER_INn
Upper threshold value
Multibyte
0x07FF
R/W
0x0060 to 0x006E
LOWER_INn
Lower threshold value
Multibyte
0x0000
R/W
0x0080 to 0x008E
HYST_INn
Hysteresis setting
Multibyte
0x0010
R/W
0x00A0 to 0x00AE
OFFSET_INn
INn offset correction
Multibyte
0x0000
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com