Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4697BCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD4697BCPZ
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697BCPZ Datasheet(HTML) 5 Page - Analog Devices

  AD4697BCPZ Datasheet HTML 1Page - Analog Devices AD4697BCPZ Datasheet HTML 2Page - Analog Devices AD4697BCPZ Datasheet HTML 3Page - Analog Devices AD4697BCPZ Datasheet HTML 4Page - Analog Devices AD4697BCPZ Datasheet HTML 5Page - Analog Devices AD4697BCPZ Datasheet HTML 6Page - Analog Devices AD4697BCPZ Datasheet HTML 7Page - Analog Devices AD4697BCPZ Datasheet HTML 8Page - Analog Devices AD4697BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 107 page
background image
Data Sheet
AD4697/AD4698
SPECIFICATIONS
analog.com
Rev. 0 | 5 of 107
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Offset Error Match4
VREF = 5 V
TA = 25°C
±0.025
mV
TA = −40°C to +125°C
−0.23
+0.23
mV
Gain Error4
VREF = 5 V
TA = 25°C
±0.001
%FS5
TA = −40°C to +125°C
−0.025
+0.025
%FS
Gain Error Match4
VREF = 5 V
TA = 25°C
±0.002
%FS
TA = −40°C to +125°C
−0.012
+0.012
%FS
AC PERFORMANCE
Dynamic Range
VREF = 5 V
OSR = 1
93.4
dB
OSR = 4
99.3
dB
OSR = 16
105.3
dB
OSR = 64
111.2
dB
Input RMS Noise
OSR = 1
37.8
μV rms
OSR = 4
19.2
μV rms
OSR = 16
9.6
μV rms
OSR = 64
4.9
μV rms
1/f Noise
Bandwidth = 0.1 Hz to 10 Hz
5
μV p-p
Signal-to-Noise Ratio (SNR)
VREF = 5 V, fIN = 1 kHz
91.25
93
dB
VREF = 4.096 V, fIN = 1 kHz
91.3
dB
VREF = 2.5 V, fIN = 1 kHz
87
dB
Total Harmonic Distortion (THD)
VREF = 5 V, fIN = 1 kHz
−117
dB
VREF = 4.096 V, fIN = 1 kHz
−117.5
dB
VREF = 2.5 V, fIN = 1 kHz
−119
dB
Signal-to-Noise-and-Distortion (SINAD)
LFCSP
VREF = 5 V, fIN = 1 kHz
91.1
93
dB
VREF = 4.096 V, fIN = 1 kHz
91.3
dB
VREF = 2.5 V, fIN = 1 kHz
87
dB
WLCSP
VREF = 5 V, fIN = 1 kHz
89
93
dB
Spurious-Free Dynamic Range (SFDR)
VREF = 5 V
121
dB
Channel to Channel Isolation
fIN = 100 kHz
LFCSP
−126
dB
WLCSP
−130
dB
Channel to Channel Memory
fIN = 100 kHz, fS = 1 MSPS
−100
dB
fIN = 100 kHz, fS = 500 kSPS
−110
dB
−3 dB Input Bandwidth
11.7
MHz
REFERENCE INPUT6
VREF Range
REF input, internal reference buffer disabled
2.4
AVDD + 0.25
V
REFIN input, internal reference buffer disabled
REF
V
REFIN input, internal reference buffer enabled
2.4
AVDD – 0.3
V
REF Leakage Current
VREF = 5 V
LFCSP
No active overvoltage protection clamps
165
nA
All clamps active, overvoltage reduced current mode
disabled
200
μA
All clamps active, overvoltage reduced current mode
enabled
4
μA
WLCSP
Internal reference buffer disabled
165
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com