Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4697BCPZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD4697BCPZ
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697BCPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD4697BCPZ Datasheet HTML 4Page - Analog Devices AD4697BCPZ Datasheet HTML 5Page - Analog Devices AD4697BCPZ Datasheet HTML 6Page - Analog Devices AD4697BCPZ Datasheet HTML 7Page - Analog Devices AD4697BCPZ Datasheet HTML 8Page - Analog Devices AD4697BCPZ Datasheet HTML 9Page - Analog Devices AD4697BCPZ Datasheet HTML 10Page - Analog Devices AD4697BCPZ Datasheet HTML 11Page - Analog Devices AD4697BCPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 107 page
background image
Data Sheet
AD4697/AD4698
SPECIFICATIONS
analog.com
Rev. 0 | 8 of 107
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
VDD Current (Conversion Mode)
VDD = 1.8 V, internal LDO disabled
Reference High-Z Mode Disabled, Analog Input
High-Z Mode Disabled
fS = 10 kSPS
42
µA
fS = 500 kSPS
2
mA
fS = 1 MSPS
4
mA
Reference High-Z Mode Enabled, Analog Input
High-Z Mode Enabled
fS = 10 kSPS
53
µA
fS = 500 kSPS
2.5
3.2
mA
fS = 1 MSPS
5
6.4
mA
VIO Dynamic Current
VIO = 1.8 V
Register Configuration Mode
Streaming mode, SCK frequency (fSCK) = 50 MHz
125
µA
Conversion Mode
Status bits enabled
fS = 10 kSPS
3.5
µA
fS = 500 kSPS
162
µA
fS = 1 MSPS
325
360
µA
POWER DISSIPATION9
AVDD = 5 V, VIO = 1.8 V
Standby Power Dissipation
Internal LDO Disabled
VDD = 1.8 V, internal reference buffer disabled
4
µW
VDD = 1.8 V, internal reference buffer enabled
2.3
mW
Internal LDO Enabled
LDO_IN = 5 V, internal reference buffer disabled
46
µW
LDO_IN = 5 V, internal reference buffer enabled
2.3
µW
Power Dissipation, Internal LDO Disabled
LDO_IN = AGND, VDD = 1.8 V
Internal Reference Buffer Disabled, Reference
High-Z Mode Disabled, Analog Input High-Z Mode
Disabled
fS = 10 kSPS
85
µW
fS = 500 kSPS
4
mW
fS = 1 MSPS
8
mW
Internal Reference Buffer Disabled, Reference
High-Z Mode Enabled, Analog Input High-Z Mode
Enabled
fS = 10 kSPS
170
µW
fS = 500 kSPS
8
9.8
mW
fS = 1 MSPS
16
19.5
mW
Internal Reference Buffer Enabled, Reference
High-Z Mode Enabled, Analog Input High-Z Mode
Enabled
fS = 10 kSPS, REFIN = 4.096 V
2.4
mW
fS = 500 kSPS, REFIN = 4.096 V
9.8
11.8
mW
fS = 1 MSPS, REFIN = 4.096 V
17.1
21.1
mW
Power Dissipation, Internal LDO Enabled
LDO_IN = 5 V
Internal Reference Buffer Disabled, Reference
High-Z Mode Disabled, Analog Input High-Z Mode
Disabled
fS = 10 kSPS
270
µW
fS = 500 kSPS
10.5
mW
fS = 1 MSPS
21
mW
Internal Reference Buffer Disabled, Reference
High-Z Mode Enabled, Analog Input High-Z Mode
Enabled
fS = 10 kSPS
395
µW
fS = 500 kSPS
16.5
20.5
mW
fS = 1 MSPS
33
41.0
mW
Internal Reference Buffer Enabled, Reference
High-Z Mode Enabled, Analog Input High-Z Mode
Enabled
fS = 10 kSPS, REFIN = 4.096 V
2.6
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com