Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4697BCPZ Datasheet(PDF) 96 Page - Analog Devices

Part # AD4697BCPZ
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697BCPZ Datasheet(HTML) 96 Page - Analog Devices

Back Button AD4697BCPZ Datasheet HTML 92Page - Analog Devices AD4697BCPZ Datasheet HTML 93Page - Analog Devices AD4697BCPZ Datasheet HTML 94Page - Analog Devices AD4697BCPZ Datasheet HTML 95Page - Analog Devices AD4697BCPZ Datasheet HTML 96Page - Analog Devices AD4697BCPZ Datasheet HTML 97Page - Analog Devices AD4697BCPZ Datasheet HTML 98Page - Analog Devices AD4697BCPZ Datasheet HTML 99Page - Analog Devices AD4697BCPZ Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 107 page
background image
Data Sheet
AD4697/AD4698
REGISTER INFORMATION
analog.com
Rev. 0 | 96 of 107
Table 42. Bit Descriptions for ALERT_STATUS1
Bits
Bit Name
Description
Reset
Access
automatically clears if a subsequent IN0 conversion is within the range set by the HYSTERESIS field in the HYST_IN0
register (see the Alert Indicator Registers section).
Alert Status (IN4 to IN7) Register
Address: 0x0016, Reset: 0x00, Name: ALERT_STATUS2
Table 43. Bit Descriptions for ALERT_STATUS2
Bits
Bit Name
Description
Reset
Access
7
LO_IN7
IN7 Lower Alert Indicator. This bit is set to 1 when a conversion result for IN7 is less than or equal to the IN7 lower
threshold value. This indicator is only active if the threshold detection is enabled on IN7 (see the Threshold Detection and
Alert Indicators section). This bit is read to clear. When the ALERT_MODE bit in the setup register is set to 1, this bit also
automatically clears if a subsequent IN7 conversion is within the range set by the HYSTERESIS field in the HYST_IN7
register (see the Alert Indicator Registers section).
0x0
R
6
HI_IN7
IN7 Upper Alert Indicator. This bit is set to 1 when a conversion result for IN7 is greater than or equal to the IN7 upper
threshold value. This indicator is only active if the threshold detection is enabled on IN7 (see the Threshold Detection and
Alert Indicators section). This bit is read to clear. When the ALERT_MODE bit in the setup register is set to 1, this bit also
automatically clears if a subsequent IN7 conversion is within the range set by the HYSTERESIS field in the HYST_IN7
register (see the Alert Indicator Registers section).
0x0
R
5
LO_IN6
IN6 Lower Alert Indicator. This bit is set to 1 when a conversion result for IN6 is less than or equal to the IN6 lower
threshold value. This indicator is only active if the threshold detection is enabled on IN6 (see the Threshold Detection and
Alert Indicators section). This bit is read to clear. When the ALERT_MODE bit in the setup register is set to 1, this bit also
automatically clears if a subsequent IN6 conversion is within the range set by the HYSTERESIS field in the HYST_IN6
register (see the Alert Indicator Registers section).
0x0
R
4
HI_IN6
IN6 Upper Alert Indicator. This bit is set to 1 when a conversion result for IN6 is greater than or equal to the IN6 upper
threshold value. This indicator is only active if the threshold detection is enabled on IN6 (see the Threshold Detection and
Alert Indicators section). This bit is read to clear. When the ALERT_MODE bit in the setup register is set to 1, this bit also
automatically clears if a subsequent IN6 conversion is within the range set by the HYSTERESIS field in the HYST_IN6
register (see the Alert Indicator Registers section).
0x0
R
3
LO_IN5
IN5 Lower Alert Indicator. This bit is set to 1 when a conversion result for IN5 is less than or equal to the IN5 lower
threshold value. This indicator is only active if the threshold detection is enabled on IN5 (see the Threshold Detection and
Alert Indicators section). This bit is read to clear. When the ALERT_MODE bit in the setup register is set to 1, this bit also
automatically clears if a subsequent IN5 conversion is within the range set by the HYSTERESIS field in the HYST_IN5
register (see the Alert Indicator Registers section).
0x0
R
2
HI_IN5
IN5 Upper Alert Indicator. This bit is set to 1 when a conversion result for IN5 is greater than or equal to the IN5 upper
threshold value. This indicator is only active if the threshold detection is enabled on IN5 (see the Threshold Detection and
Alert Indicators section). This bit is read to clear. When the ALERT_MODE bit in the setup register is set to 1, this bit also
automatically clears if a subsequent IN5 conversion is within the range set by the HYSTERESIS field in the HYST_IN5
register (see the Alert Indicator Registers section).
0x0
R
1
LO_IN4
IN4 Lower Alert Indicator. This bit is set to 1 when a conversion result for IN4 is less than or equal to the IN4 lower
threshold value. This indicator is only active if the threshold detection is enabled on IN4 (see the Threshold Detection and
Alert Indicators section). This bit is read to clear. When the ALERT_MODE bit in the setup register is set to 1, this bit also
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com