Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4697BCPZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD4697BCPZ
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697BCPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD4697BCPZ Datasheet HTML 10Page - Analog Devices AD4697BCPZ Datasheet HTML 11Page - Analog Devices AD4697BCPZ Datasheet HTML 12Page - Analog Devices AD4697BCPZ Datasheet HTML 13Page - Analog Devices AD4697BCPZ Datasheet HTML 14Page - Analog Devices AD4697BCPZ Datasheet HTML 15Page - Analog Devices AD4697BCPZ Datasheet HTML 16Page - Analog Devices AD4697BCPZ Datasheet HTML 17Page - Analog Devices AD4697BCPZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 107 page
background image
Data Sheet
AD4697/AD4698
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 14 of 107
Table 8. AD4698 WLCSP Ball Function Descriptions
Ball No.
Mnemonic
Type1
Description
B1
SDO
DO
Serial Data Output. When the device is configured in register configuration mode, SDO is used to read the configuration
register data during SPI read transactions. When the device is configured in conversion mode, SDO is used to read the
conversion results. Data output is synchronized to the falling edge of SCK.
B2
CNV
DI
Convert Input. When the device is configured in conversion mode, a rising edge on CNV initiates a conversion of the selected
analog input. The AD4697/AD4698 can interface to a 4-wire SPI by tying CNV to CS. See the Digital Interface Operation
section for more information.
B3
REF
AI
Reference Input. VREF must be provided by an external precision reference voltage between 2.4 V and 5.1 V. The REF pin
must be decoupled with a minimum 1 μF capacitor for optimal operation. See the Voltage Reference Input section for more
information.
B4
NC
NC
No Connect. Leave this pin open or connected to AGND.
B5
IN0
AI
Analog Input 0.
B6
IN1
AI
Analog Input 1.
C1
GP2
DI/DO
General-Purpose Pin 2. Can be configured to function as a general-purpose input/output, the threshold detection alert indicator,
or the third serial data output in quad-SDO mode (see the General-Purpose Pins section).
C2
SCK
DI
Serial Data Clock Input. SCK is used to clock out data on SDO and clock in data on SDI while the device is configured in either
register configuration mode or conversion mode.
C3
REFGND
P
Reference Ground. REF is referenced to REGND. IN0 to IN7 can be paired with REFGND to the ADC core to sample the
differential voltage between them. See the Channel Configuration Options section for a detailed description on pairing inputs.
C4
COM
AI
Common Channel Input. IN0 to IN7 can be paired with COM for the ADC core to sample the differential voltage between
them. COM is nominally tied to signal ground (unipolar mode) or VREF/2 (pseudobipolar mode). See the Channel Configuration
Options section for a detailed description on pairing inputs, unipolar mode, and pseudobipolar mode.
C5
IN2
AI
Analog Input 2.
C6
IN3
AI
Analog Input 3.
D1
BSY_ALT_GP0
DI/DO
General-Purpose Pin 0. On the WLCSP option, BSY_ALT_GP0 can be configured to function as a GPIO, the threshold
detection alert indicator, or the busy indicator (see the General-Purpose Pins section).
D2
GP1
DI/DO
General-Purpose Pin 1. Can be configured to function as a general-purpose input/output, or the second serial data output in
dual- and quad-SDO modes (see the General-Purpose Pins section).
D3
RESET
DI
Hardware Reset Input. Drive RESET low to perform a hardware reset of the device and reset the register states to the default
values (see the Device Reset section).
D4
AGND
P
Analog Supply Ground. AVDD, LDO_IN, and VDD are referenced to AGND.
D5
IN5
AI
Analog Input 5.
D6
IN4
AI
Analog Input 4.
E1
VIO
P
Input/Output Interface Digital Power. VIO is nominally the same supply as the host interface (for example, 1.2 V to 1.8 V).
Decouple VIO to IOGND with a local 100 nF capacitor.
E2
GP3
DI/DO
General-Purpose Pin 3. Can be configured to function as a general-purpose input/output, the busy indicator, or the fourth serial
data output in quad-SDO mode (see the General-Purpose Pins section).
E3
IOGND
P
Input/Output Interface Digital Supply Ground. VIO is referenced to IOGND.
E4
NC
NC
No Connect. Leave this pin open or connected to AGND.
E5
NC
NC
No Connect. Leave this pin open or connected to AGND.
E6
NC
NC
No Connect. Leave this pin open or connected to AGND.
F1
VDD
P
ADC Core Power Supply. VDD is nominally 1.8 V. VDD must be decoupled with a local 100 nF capacitor to AGND. When the
internal LDO is enabled, VDD is internally generated. Disable the internal LDO when supplying VDD from an external source.
F2
LDO_IN
P
Internal LDO Input. LDO_IN is nominally 2.4 V to 5.5 V when the internal LDO is enabled. Decouple LDO_IN to AGND with a
local 100 nF capacitor. If powering VDD with an external 1.8 V rail, tie LDO_IN to AGND. See the Internal LDO section for more
information.
F3
AVDD
P
Analog Power Supply. AVDD is nominally 3.15 V to 5.5 V. Decouple AVDD to AGND with a local 100 nF capacitor.
F4
NC
NC
No Connect. Leave this pin open or connected to AGND.
F5
IN7
AI
Analog Input 7.
F6
IN6
AI
Analog Input 6.
1 DI is digital input, AI is analog input, NC is no internal connection, DO is digital output, and P is power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com