Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9914BCPZ-CSL Datasheet (PDF) - Analog Devices

AD9914BCPZ-CSL Datasheet PDF - Analog Devices
Part # AD9914BCPZ-CSL
Download  AD9914BCPZ-CSL Download
File Size   1188.08 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.5 GPSP Direct Digital Synthesizer with 12-Bit DAC

AD9914BCPZ-CSL Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9914BCPZ-CSL Datasheet PDF - Analog Devices

Part # AD9914BCPZ-CSL
Download  AD9914BCPZ-CSL Click to download

File Size   1188.08 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.5 GPSP Direct Digital Synthesizer with 12-Bit DAC

AD9914BCPZ-CSL Datasheet (HTML) - Analog Devices


AD9914BCPZ-CSL Product details

GENERAL DESCRIPTION
The AD9914S-CSL is a direct digital synthesizer (DDS) featuring
a 12‑bit digital-to-analog converter (DAC). The AD9914S-CSL
uses advanced DDS technology, coupled with an internal high
speed, high performance DAC to form a digitally programmable,
complete high frequency synthesizer capable of generating a frequency-
agile analog output sinusoidal waveform at up to 1.4 GHz.
The AD9914S-CSL enables fast frequency hopping and fine tuning
resolution (64‑bit capable using programmable modulus mode).
The AD9914S-CSL also offers fast phase and amplitude hopping
capability. The frequency tuning and control words are loaded into
the AD9914S-CSL via a serial or parallel input/output port. The
AD9914S-CSL also supports a user defined linear sweep mode
of operation for generating linear swept waveforms of frequency,
phase, or amplitude. A high speed, 32-bit parallel data input port
is included, enabling high data rates for polar modulation schemes
and fast reprogramming of the phase, frequency, and amplitude
tuning words.
The AD9914S-CSL is specified to operate over the extended industrial
temperature range (see the Absolute Maximum Ratings
section). Additional application and technical information can be
found in the Commercial Space Products Program brochure and
the AD9914 data sheet.
Analog Devices is in the process of updating documentation to
provide terminology and language that is culturally appropriate. This
is a process with a wide scope and will be phased in as quickly as
possible. Thank you for your patience.

FEATURES
► 3.5 GSPS internal clock speed
► Integrated 12-bit DAC
► Frequency tuning resolution to 190 pHz
► 16-bit phase tuning resolution
► 12-bit amplitude scaling
► Programmable modulus
► Automatic linear and nonlinear frequency sweeping capability
► 32-bit parallel datapath interface
► 8 frequency/phase offset profiles
► Phase noise: −128 dBc/Hz (1 kHz offset at 1396 MHz)
► Wideband SFDR < −50 dBc
► Serial or parallel input/output control
► 1.8 V/3.3 V power supplies
► Software and hardware controlled power-down
► 88-lead LFCSP package
► PLL REF CLK multiplier
► Phase modulation capability
► Amplitude modulation capability

COMMERCIAL SPACE FEATURES
► Supports aerospace applications
► Wafer diffusion lot traceability
► Radiation lot acceptance test (RLAT)
► Total ionizing dose (TID)
► Radiation benchmark
► Single event latch-up (SEL)

APPLICATIONS
► Low Earth orbit (LEO) space payloads
► Agile LO frequency synthesis
► Programmable clock generators
► FM chirp source for radar and scanning systems
► Test and measurement equipment
► Acousto-optic device drivers
► Polar modulators
► Fast frequency hopping




Similar Part No. - AD9914BCPZ-CSL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9914BCPZ-REEL7 AD-AD9914BCPZ-REEL7 Datasheet
898Kb / 48P
3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9914BCPZ-REEL7 AD-AD9914BCPZ-REEL7 Datasheet
1Mb / 45P
3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
6/2016-Rev. E to Rev. F
AD9914BCPZ-REEL7 AD-AD9914BCPZ-REEL7 Datasheet
1Mb / 48P
3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
Rev. G
More results


Similar Description - AD9914BCPZ-CSL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9911 AD-AD9911 Datasheet
943Kb / 44P
500 MSPS Direct Digital Synthesizer with 10-Bit DAC
REV. 0
AD9912 AD-AD9912 Datasheet
113Kb / 3P
1 GSPS Direct Digital Synthesizer w/ 14-bit DAC
6/10-Rev. E to Rev. F
AD9915 AD-AD9915 Datasheet
877Kb / 48P
2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. A
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9914 AD-AD9914 Datasheet
898Kb / 48P
3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9912BCPZ AD-AD9912BCPZ Datasheet
649Kb / 40P
1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9914 AD-AD9914 Datasheet
852Kb / 48P
3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9911 AD-AD9911_15 Datasheet
944Kb / 44P
500 MSPS Direct Digital Synthesizer with 10-Bit DAC
REV. 0
AD9911 AD-AD9911_16 Datasheet
879Kb / 41P
500 MSPS Direct Digital Synthesizer 10-Bit DAC
11/2016-Rev. 0 to Rev. A
AD9914 AD-AD9914_16 Datasheet
1Mb / 45P
3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
6/2016-Rev. E to Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com