Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4953C Datasheet (PDF) - Infineon Technologies AG

TLE4953C Datasheet PDF - Infineon Technologies AG
Part # TLE4953C
Download  TLE4953C Download
File Size   1643.23 Kbytes
Page   21 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Differential Hall Effect Transmission Speed Sensors

TLE4953C Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4953C Datasheet PDF - Infineon Technologies AG

Part # TLE4953C
Download  TLE4953C Click to download

File Size   1643.23 Kbytes
Page   21 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Differential Hall Effect Transmission Speed Sensors

TLE4953C Datasheet (HTML) - Infineon Technologies AG


TLE4953C Product details

1.1 Target Application
The differential Hall Effect sensor TLE4953 is designed to provide information about rotational speed and direction
of rotation to modern transmission and ABS systems. The output has been designed as a two wire current
interface based on a Pulse Width Modulation principle. The sensor operates without external components and
combines a fast power-up time with a wide frequency range. Excellent accuracy and sensitivity is specified for
harsh automotive requirements as a wide temperature range, high ESD robustness and high EMC resilience.
State-of-the-art BiCMOS technology is used for monolithic integration of the active sensor areas and the signal
conditioning. Finally, the optimized piezo compensation and the integrated dynamic offset compensation enable
easy manufacturing and elimination of magnetic offsets. Adaptive hysteresis concept increases the noise
immunity. The TLE4953C is additionally provided with an overmolded 1.8 nF capacitor for improved EMI
performance.
1.2 Features
• Two-wire PWM current interface
• Detection of rotation direction
• Dynamic self-calibration principle & high sensitivity
• Adaptive hysteresis
• Single chip solution - no external components
• Vibration suppression in calibrated mode
• South and north pole pre-induction possible
• High resistance to piezo effects
• Large operating air-gaps
• Wide operating temperature range
• From zero speed up to 12 kHz
• 1.8 nF overmolded capacitor
• For coarse transmission target wheels
• Module style package with integrated overmolded capacitor1)
– 1.8nF between VDD and GND
• AEC-Q100 qualified




Similar Part No. - TLE4953C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4953C INFINEON-TLE4953C Datasheet
1Mb / 20P
Differential Two-Wire Hall Effect Sensor IC
V 4.0, 2010-04
TLE4953C-E0184 INFINEON-TLE4953C-E0184 Datasheet
1Mb / 8P
Differential Two Wire Hall Effect sensor IC
V 1.1, 2019-04
More results


Similar Description - TLE4953C

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3046 ALLEGRO-3046 Datasheet
136Kb / 8P
HALL EFFECT GEAR-TOOTH SENSORS ZERO SPEED
logo
Infineon Technologies A...
TLE4955C INFINEON-TLE4955C Datasheet
802Kb / 21P
Differential Hall Effect Transmission Speed Sensors
Version 1.0 2016-06-15
TLE4955C-E4 INFINEON-TLE4955C-E4 Datasheet
822Kb / 24P
Differential Hall Effect Transmission Speed Sensors
Version 1.00 2016-06-01
TLE4955C-E2 INFINEON-TLE4955C-E2 Datasheet
822Kb / 24P
Differential Hall Effect Transmission Speed Sensors
Version 1.00 2016-06-01
logo
Littelfuse
55085 LITTELFUSE-55085 Datasheet
480Kb / 3P
Hall Effect Sensors
55140 LITTELFUSE-55140 Datasheet
498Kb / 3P
Hall Effect Sensors
55310 LITTELFUSE-55310 Datasheet
422Kb / 3P
Hall Effect Sensors
logo
Honeywell Solid State E...
LCZ HONEYWELL-LCZ Datasheet
185Kb / 4P
Hall-effect Zero Speed Sensors
logo
Allegro MicroSystems
A19420 ALLEGRO-A19420 Datasheet
920Kb / 11P
High-Accuracy Hall-Effect Transmission Speed Sensor IC
logo
Infineon Technologies A...
TLE4955C-E41184 INFINEON-TLE4955C-E41184 Datasheet
991Kb / 22P
Differential Hall Effect Transmission Speed Sensors
Version 1.01 2018-03-25
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com