Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4953C Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4953C
Description  Differential Hall Effect Transmission Speed Sensors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4953C Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4953C Datasheet HTML 6Page - Infineon Technologies AG TLE4953C Datasheet HTML 7Page - Infineon Technologies AG TLE4953C Datasheet HTML 8Page - Infineon Technologies AG TLE4953C Datasheet HTML 9Page - Infineon Technologies AG TLE4953C Datasheet HTML 10Page - Infineon Technologies AG TLE4953C Datasheet HTML 11Page - Infineon Technologies AG TLE4953C Datasheet HTML 12Page - Infineon Technologies AG TLE4953C Datasheet HTML 13Page - Infineon Technologies AG TLE4953C Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
TLE4953x
Functional Description
Data Sheet
10
Version 4.1, 2018-01-02
After successful correction of the offset, the output switching is in calibrated mode. Switching occurs at adaptive
threshold-crossover. It is only affected by the propagation delay time of the signal path, which is mainly determined
by the noise limiting filter. Signals which are below a predefined threshold
ΔBLimit are not detected. This prevents
unwanted switching.
The adaptive hysteresis is linked to the PGA state. Therefore the system is able to suppress switching if vibration
or noise signals are smaller than the adaptive hysteresis.
The switching and direction information is fed into the DSP and the output encoder. The pulse length of the High
output current is generated according to the rotational speed and the direction of rotation
2.4
Direction signal circuitry
The differential signal between a third Hall probe and the mean value of the differential Hall probe pair is obtained
from the direction input amplifier. This signal is digitized by the direction ADC and fed into the digital circuitry.
There, the phase of the signal referring to the speed signal is analyzed and the direction information is forwarded
to the output encoder. The phase is identified by calculating the size of the direction signal at two consecutive zero
crossings of the speed signal. This is done by subtracting the current direction signal from the internal stored value
which has been taken from the previous magnetic edge.
Depending on the phase shift between the direction signal and the speed signal a positive or a negative value
occur. The information if the new direction calculation takes place at a rising or a falling magnetic edge allows
together with the algebraic sign of the calculated direction signal a reliable direction detection.
The first pulse after power is always a speed pulse as there is no stored direction information available.
2.5
Vibration suppression algorithm
The magnetic signal amplitude and the direction information is used for detection of parasitic magnetic signals.
Unwanted magnetic signals can be caused by angular or airgap vibrations for instance. If an input signal is clearly
detected as a vibration signal, the output of pulses will be suppressed.
A magnetic input signal is classified as parasitic vibration signal if
a. the speed signal amplitude is smaller than the internal hysteresis or
b. the direction signal amplitude is smaller than the internal limit or
c. the direction signal consists of alternating left/right information
The quality of vibration suppression (according a & b) depends on the hysteresis limits and on the magnitude of
the magnetic signal. The bigger the hysteresis the better the suppression of parasitc signals.
For parasitic signals where items above (a. to c.) are not clearly applicable or at other more rare cases (e.g. IC
startup) vibration suppression is not guaranteed. The performance of the direction detection and vibration
suppression algorithm depends on the used magnetic circuit and as well on the used target wheel and need to be
evaluated.
Please ask for application support if you have questions on the vibration suppresion algorithm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com