Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4953C Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4953C
Description  Differential Hall Effect Transmission Speed Sensors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4953C Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4953C Datasheet HTML 4Page - Infineon Technologies AG TLE4953C Datasheet HTML 5Page - Infineon Technologies AG TLE4953C Datasheet HTML 6Page - Infineon Technologies AG TLE4953C Datasheet HTML 7Page - Infineon Technologies AG TLE4953C Datasheet HTML 8Page - Infineon Technologies AG TLE4953C Datasheet HTML 9Page - Infineon Technologies AG TLE4953C Datasheet HTML 10Page - Infineon Technologies AG TLE4953C Datasheet HTML 11Page - Infineon Technologies AG TLE4953C Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
TLE4953x
Functional Description
Data Sheet
8
Version 4.1, 2018-01-02
2
Functional Description
Figure 2-1 Block Diagram
The differential Hall Effect IC detects the motion of ferromagnetic or permanent magnet structures by measuring
the differential flux density of the magnetic field. To detect the motion of ferromagnetic objects the magnetic field
must be provided by a backbiasing permanent magnet. Either the South or North pole of the magnet can be
attached to the rear, unmarked side (remark: rear side may contain data matrix code) of the IC package.
Magnetic offsets of up to ± 20 mT and mechanical offsets are cancelled out through a self-calibration algorithm.
Only 2 transitions are necessary for the self-calibration procedure. After the initial self-calibration sequence
switching occurs when the input signal crosses the adaptive threshold on the rising magnetic edge.
The ON and OFF state of the IC are indicated by High and Low current consumption. Each rising magnetic edge
of the magnetic input signal triggers an output pulse.
Figure 2-2 Output Pulses on magnetic rising edge
In addition to the speed signal, the following information is provided by varying the length of the output pulses
(PWM modulation):
Speed signal = S
The speed signal is issued at the first output pulse after start up and when the magnetic frequency is above 1kHz.
Direction of rotation left = DR-L
DR-L information is issued in the output pulse length when the active target wheel in front of the Hall Effect IC
moves from the pin VCC to the pin GND.
Direction of rotation right = DR-R
-
+
-
+
L
eft
R
ight
C
entr
PGA
A/D
slope/peak
detection
offset
calc.
-
(R+L)/2-C
output
protocol
system control
& watchdog
-
D/A
supply
generator
clock
gen.
Hall probes:
LP
comp
D/A
Tracking
algor.
+ noise
shaper
Dig.
Filter
Direction
algorithm
-
Pulse
Length
Output Signal
Magnetic Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com