Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4953C Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4953C
Description  Differential Hall Effect Transmission Speed Sensors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4953C Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4953C Datasheet HTML 3Page - Infineon Technologies AG TLE4953C Datasheet HTML 4Page - Infineon Technologies AG TLE4953C Datasheet HTML 5Page - Infineon Technologies AG TLE4953C Datasheet HTML 6Page - Infineon Technologies AG TLE4953C Datasheet HTML 7Page - Infineon Technologies AG TLE4953C Datasheet HTML 8Page - Infineon Technologies AG TLE4953C Datasheet HTML 9Page - Infineon Technologies AG TLE4953C Datasheet HTML 10Page - Infineon Technologies AG TLE4953C Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TLE4953x
General
Data Sheet
7
Version 4.1, 2018-01-02
1
General
1.1
Target Application
The differential Hall Effect sensor TLE4953 is designed to provide information about rotational speed and direction
of rotation to modern transmission and ABS systems. The output has been designed as a two wire current
interface based on a Pulse Width Modulation principle. The sensor operates without external components and
combines a fast power-up time with a wide frequency range. Excellent accuracy and sensitivity is specified for
harsh automotive requirements as a wide temperature range, high ESD robustness and high EMC resilience.
State-of-the-art BiCMOS technology is used for monolithic integration of the active sensor areas and the signal
conditioning. Finally, the optimized piezo compensation and the integrated dynamic offset compensation enable
easy manufacturing and elimination of magnetic offsets. Adaptive hysteresis concept increases the noise
immunity. The TLE4953C is additionally provided with an overmolded 1.8 nF capacitor for improved EMI
performance.
1.2
Features
•
Two-wire PWM current interface
•
Detection of rotation direction
•
Dynamic self-calibration principle & high sensitivity
•
Adaptive hysteresis
•
Single chip solution - no external components
•
Vibration suppression in calibrated mode
•
South and north pole pre-induction possible
•
High resistance to piezo effects
•
Large operating air-gaps
•
Wide operating temperature range
•
From zero speed up to 12 kHz
•
1.8 nF overmolded capacitor
•
For coarse transmission target wheels
•
Module style package with integrated overmolded capacitor1)
– 1.8nF between VDD and GND
•
AEC-Q100 qualified
1) Value capacitor: 1.8nF +/-10% (excluded drift because of temperature and over lifetime); ceramic: X8R; maximum voltage:
50V
Product Name
Ordering Code
Marking
Package
TLE4953C
SP001952920
53C1R
PG-SSO-2-4
TLE4953
SP000278512
53
PG-SSO-2-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com