Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4953C Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4953C
Description  Differential Hall Effect Transmission Speed Sensors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4953C Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4953C Datasheet HTML 7Page - Infineon Technologies AG TLE4953C Datasheet HTML 8Page - Infineon Technologies AG TLE4953C Datasheet HTML 9Page - Infineon Technologies AG TLE4953C Datasheet HTML 10Page - Infineon Technologies AG TLE4953C Datasheet HTML 11Page - Infineon Technologies AG TLE4953C Datasheet HTML 12Page - Infineon Technologies AG TLE4953C Datasheet HTML 13Page - Infineon Technologies AG TLE4953C Datasheet HTML 14Page - Infineon Technologies AG TLE4953C Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TLE4953x
Specifications
Data Sheet
11
Version 4.1, 2018-01-02
3
Specifications
Attention: Stresses above the max. values listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. Maximum ratings are absolutes ratings; exceeding only one of these values may
cause irreversible damage to the integrated circuit
3.1
Absolute Maximum Ratings
Note: Stress in excess of those listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 3-1
Absolute Maximum Ratings
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Max.
Supply voltage
VDD
-0.3
V
Tj ≤ 80 °C
16.5
V
Tj = 170 °C
20
V
Tj = 150 °C
22
V
t = 10x5 min.
24
V
t = 10x5 min.; RM > 75 Ω included in Vcc
27
V
t = 400ms, RM > 75 Ω, included in Vcc
Junction
temperature
TJ;
-
150
°C
5000 h, VCC ≤16.5 V
-
160
°C
2500 h, VCC ≤ 16.5 V (not additive)
-
170
°C
500 h, VCC ≤ 16.5 V (not additive)
-
190
°C
4 x 1 h, VCC ≤ 16.5 V
Number of power
on cycles
npo
106
cycles
Reverse polarity
current
I rev
-
200
mA
External current limitation required,
t ≤ 4h1)
1) This allows together with an external serial resistor (75 or 100 Ohm) reverse polarity voltage for a short duration.
This resistor is usually present in the ECU of the application circuit
Active lifetime2)
2) Life time shall be considered as anticipation and will not extend the agreed warranty period
tB,active
-
10000
h
-40°C to 125°C
Thermal resistance
(PG-SSO-2-53)
RthJA
190
K/W
3)
3) Can be improved significantly by further processing like overmolding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com