Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9506 Datasheet (PDF) - NXP Semiconductors

PCA9506 Datasheet PDF - NXP Semiconductors
Part # PCA9506
Download  PCA9506 Download
File Size   162.65 Kbytes
Page   30 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 40-bit I2C-bus I/O port with RESET, OE, and INT

PCA9506 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9506 Datasheet PDF - NXP Semiconductors

Part # PCA9506
Download  PCA9506 Click to download

File Size   162.65 Kbytes
Page   30 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 40-bit I2C-bus I/O port with RESET, OE, and INT

PCA9506 Datasheet (HTML) - NXP Semiconductors


PCA9506 Product details

General description

The PCA9506 provides 40-bit parallel input/output (I/O) port expansion for I2C-bus applications organized in 5 banks of 8 I/Os. At 5 V supply voltage, the outputs are capable of sourcing 10 mA and sinking 25 mA with a total package load of 800 mA to allow direct driving of 40 LEDs. Any of the 40 I/O ports can be configured as an input or output. Output ports are totem-pole and their logic state changes at the Acknowledge (bank change).



Features

■ Standard mode (100 kHz) and Fast mode (400 kHz) compatible I2C-bus serial interface

■ 2.3 V to 5.5 V operation with 5.5 V tolerant I/Os

■ 40 configurable I/O pins that default to inputs at power-up

■ Outputs:

  ◆ Totem-pole (10 mA source, 25 mA sink) with controlled edge rate output structure

  ◆ Active LOW output enable (OE) input pin 3-states all outputs

  ◆ Output state change on Acknowledge

■ Inputs:

  ◆ Open-drain active LOW interrupt (INT) output pin allows monitoring of logic level change of pins programmed as inputs

  ◆ Programmable Interrupt Mask Control for input pins that do not require an interrupt when their states change

  ◆ Polarity Inversion register allows inversion of the polarity of the I/O pins when read

■ Active LOW reset (RESET) input pin resets device to power-up default state

■ 3 programmable address pins allowing 8 devices on the same bus




Similar Part No. - PCA9506

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9506 NXP-PCA9506 Datasheet
180Kb / 31P
40-bit I2C-bus I/O port with RESET, OE and INT
Rev. 03-6 June 2007
PCA9506 NXP-PCA9506 Datasheet
276Kb / 34P
40-bit I2C-bus I/O port with RESET, OE and INT
Rev. 4-3 August 2010
PCA9506 NXP-PCA9506 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9506BS NXP-PCA9506BS Datasheet
180Kb / 31P
40-bit I2C-bus I/O port with RESET, OE and INT
Rev. 03-6 June 2007
PCA9506BS NXP-PCA9506BS Datasheet
276Kb / 34P
40-bit I2C-bus I/O port with RESET, OE and INT
Rev. 4-3 August 2010
More results


Similar Description - PCA9506

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9698 PHILIPS-PCA9698 Datasheet
232Kb / 47P
40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
Rev. 02-19 July 2006
PCA9505 NXP-PCA9505 Datasheet
180Kb / 31P
40-bit I2C-bus I/O port with RESET, OE and INT
Rev. 03-6 June 2007
PCA9538 NXP-PCA9538 Datasheet
169Kb / 28P
8-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 May 2009
PCA9539 NXP-PCA9539 Datasheet
191Kb / 31P
16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 July 2008
PCA9557 NXP-PCA9557 Datasheet
162Kb / 26P
8-bit I2C-bus and SMBus I/O port with reset
Rev. 06-11 June 2008
PCA9505 NXP-PCA9505_10 Datasheet
276Kb / 34P
40-bit I2C-bus I/O port with RESET, OE and INT
Rev. 4-3 August 2010
PCA9698 NXP-PCA9698_10 Datasheet
374Kb / 48P
40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
Rev. 3-3 August 2010
PCA9538A NXP-PCA9538A Datasheet
2Mb / 37P
Low-voltage 8-bit I2C-bus I/O port with interrupt and reset
Rev. 1-28 September 2012
PCA9539A NXP-PCA9539A Datasheet
2Mb / 39P
Low-voltage 16-bit I2C-bus I/O port with interrupt and reset
Rev. 1-26 September 2012
PCA9537DP.118 NXP-PCA9537DP.118 Datasheet
143Kb / 24P
4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-7 May 2009
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com