Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9506BS Datasheet (PDF) - NXP Semiconductors

PCA9506BS Datasheet PDF - NXP Semiconductors
Part # PCA9506BS
Download  PCA9506BS Download
File Size   180.0 Kbytes
Page   31 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 40-bit I2C-bus I/O port with RESET, OE and INT

PCA9506BS Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9506BS Datasheet PDF - NXP Semiconductors

Part # PCA9506BS
Download  PCA9506BS Click to download

File Size   180.0 Kbytes
Page   31 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 40-bit I2C-bus I/O port with RESET, OE and INT

PCA9506BS Datasheet (HTML) - NXP Semiconductors


PCA9506BS Product details

description

The PCA9505/PCA9506 provide 40-bit parallel input/output (I/O) port expansion for I2C-bus applications organized in 5 banks of 8 I/Os. At 5 V supply voltage, the outputs are capable of sourcing 10 mA and sinking 15 mA with a total package load of 600 mA to allow direct driving of 40 LEDs. Any of the 40 I/O ports can be configured as an input or output. Output ports are totem-pole and their logic state changes at the Acknowledge (bank change). The PCA9505 is identical to the PCA9506 except that it includes 100 kΩ internal pull-up resistors on all the I/Os. The PCA9506 does not include the internal pull-ups on the I/Os to reduce power consumption when used as outputs or when the input is driven by a push-pull driver.



Features

■ Standard mode (100 kHz) and Fast mode (400 kHz) compatible I2C-bus serialinterface

■ 2.3 V to 5.5 V operation with 5.5 V tolerant I/Os

■ 40 configurable I/O pins that default to inputs at power-up

■ PCA9505 includes 100 kΩ internal pull-up resistors on all the I/Os

■ Outputs:

  ◆ Totem-pole (10 mA source, 15 mA sink) with controlled edge rate output structure

  ◆ Active LOW output enable (OE) input pin 3-states all outputs

  ◆ Output state change on Acknowledge

  ◆ Open-drain active LOW interrupt (INT) output pin allows monitoring of logic level change of pins programmed as inputs




Similar Part No. - PCA9506BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9506BS PHILIPS-PCA9506BS Datasheet
162Kb / 30P
40-bit I2C-bus I/O port with RESET, OE, and INT
Rev. 01-14 February 2006
PCA9506BS NXP-PCA9506BS Datasheet
276Kb / 34P
40-bit I2C-bus I/O port with RESET, OE and INT
Rev. 4-3 August 2010
More results


Similar Description - PCA9506BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9506 PHILIPS-PCA9506 Datasheet
162Kb / 30P
40-bit I2C-bus I/O port with RESET, OE, and INT
Rev. 01-14 February 2006
PCA9698 PHILIPS-PCA9698 Datasheet
232Kb / 47P
40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
Rev. 02-19 July 2006
PCA9538 NXP-PCA9538 Datasheet
169Kb / 28P
8-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 May 2009
PCA9539 NXP-PCA9539 Datasheet
191Kb / 31P
16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 July 2008
PCA9557 NXP-PCA9557 Datasheet
162Kb / 26P
8-bit I2C-bus and SMBus I/O port with reset
Rev. 06-11 June 2008
PCA9505 NXP-PCA9505_10 Datasheet
276Kb / 34P
40-bit I2C-bus I/O port with RESET, OE and INT
Rev. 4-3 August 2010
PCA9698 NXP-PCA9698_10 Datasheet
374Kb / 48P
40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
Rev. 3-3 August 2010
PCA9538A NXP-PCA9538A Datasheet
2Mb / 37P
Low-voltage 8-bit I2C-bus I/O port with interrupt and reset
Rev. 1-28 September 2012
PCA9539A NXP-PCA9539A Datasheet
2Mb / 39P
Low-voltage 16-bit I2C-bus I/O port with interrupt and reset
Rev. 1-26 September 2012
PCA9537DP.118 NXP-PCA9537DP.118 Datasheet
143Kb / 24P
4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-7 May 2009
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com