Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA05 Datasheet (PDF) - Cirrus Logic

PA05 Datasheet PDF - Cirrus Logic
Part # PA05
Download  PA05 Download
File Size   292.26 Kbytes
Page   4 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description POWER OPERATIONAL AMPLIFIERS

PA05 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA05 Datasheet PDF - Cirrus Logic

Part # PA05
Download  PA05 Click to download

File Size   292.26 Kbytes
Page   4 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description POWER OPERATIONAL AMPLIFIERS

PA05 Datasheet (HTML) - Cirrus Logic


PA05 Product details

DESCRIPTION
The PA05 is a high voltage MOSFET power operational amplifier that extends the performance limits of power amplifiers in slew rate and power bandwidth, while maintaining high current and power dissipation ratings.

FEATURES
• HIGH INTERNAL DISSIPATION — 250 WATTS
• HIGH VOLTAGE, HIGH CURRENT — 100V, 30A
• HIGH SLEW RATE — 100V/µS
• 4 WIRE CURRENT LIMIT SENSING
• LOW DISTORTION
• EXTERNAL SHUTDOWN CONTROL
• OPTIONAL BOOST VOLTAGE INPUTS
• EVALUATION KIT — SEE EK09

APPLICATIONS
• LINEAR AND ROTARY MOTOR DRIVES
• SONAR TRANSDUCER DRIVER
• YOKE/MAGNETIC FIELD EXCITATION
• PROGRAMMABLE POWER SUPPLIES TO ±45V
• AUDIO UP TO 500W




Similar Part No. - PA05

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
Power Operational Amplifier
logo
AZ Displays
PA050XS1 AZDISPLAYS-PA050XS1 Datasheet
695Kb / 26P
This technical specification applies to 5inch color TFT-LCD module , PA050XS1.
logo
Pulse A Technitrol Comp...
PA0510NL PULSE-PA0510NL Datasheet
140Kb / 2P
SMT GATE DRIVE TRANSFORMERS 1500VDC Basic and Operational Insulation
PA0510NL PULSE-PA0510NL Datasheet
1Mb / 5P
SMT Gate Drive Transformers
PA0510NL PULSE-PA0510NL Datasheet
1Mb / 5P
1500VDC isolation between Gate and Drive
More results


Similar Description - PA05

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM759 NSC-LM759 Datasheet
207Kb / 14P
Power Operational Amplifiers
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
310Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
PA107DP CIRRUS-PA107DP_10 Datasheet
892Kb / 7P
Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
Power Operational Amplifiers
More results




About Cirrus Logic


Cirrus Logic is a fabless semiconductor company based in Austin, Texas that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs) for audio, industrial, and energy markets. The company was founded in 1984 and has since become a leading provider of high-performance audio ICs for a variety of applications.

Cirrus Logic's products are used in a wide range of audio applications, including portable audio devices, automotive audio systems, and home theater systems. The company's audio ICs are known for their high quality, low power consumption, and advanced signal processing capabilities, and are used by customers around the world.

In addition to its audio ICs, Cirrus Logic also offers a range of ICs for industrial and energy markets, including motor control, power management, and LED lighting applications. The company has a strong focus on research and development, and is committed to developing innovative new products that meet the evolving needs of its customers.

Cirrus Logic has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 60 countries worldwide. The company is committed to providing high-quality products and services to its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com