Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0FHA0200ZP Datasheet (PDF) - Littelfuse

0FHA0200ZP Datasheet PDF - Littelfuse
Part # 0FHA0200ZP
Download  0FHA0200ZP Download
File Size   126.2 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description ATO짰 ADD-A-CIRCUIT짰 SERIES 32V IN-LINE FUSE HOLDER

0FHA0200ZP Datasheet (PDF)

Go To PDF Page Download Datasheet
0FHA0200ZP Datasheet PDF - Littelfuse

Part # 0FHA0200ZP
Download  0FHA0200ZP Click to download

File Size   126.2 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description ATO짰 ADD-A-CIRCUIT짰 SERIES 32V IN-LINE FUSE HOLDER

0FHA0200ZP Datasheet (HTML) - Littelfuse


0FHA0200ZP Product details

Description
The ATO® Add-A-Circuit® Series 32V In-Line Fuse Holder
allows easy installation of an added circuit without cutting
or splicing. The ATO® fuse tap turns a single fuse slot into
two so you can protect the new accessory circuit as well
as the existing circuit.
This fuse tap features 16 AWG UL 1015 wire leads and butt
splice connectors to make in-line installation simple.
The ATO® Add-A-Circuit® Series fuse tap is available in bulk
or as a carded blister packaged ATO® Add-A-Circuit® Series
kit that comes with a set of ATO® blade fuses. The fuse
set includes one 3-amp, one 5-amp, one 7.5-amp, and one
10-amp fuse.

Applications
• Accessory Circuits

Features and Benefits
• Compatible with ATO® blade fuses rated up to 10 amps
• Turns one fuse slot into two to protect an added
accessory circuit without cutting or splicing
• Butt splice connectors ensure easy wiring
• Red 16 AWG UL 1015 wire leads
• Available ATO® Add-A-Circuit® Series blister packaged
fuse tap kit comes with a set of fuses
(3A, 5A, 7.5A, and 10A)




Similar Part No. - 0FHA0200ZP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0FHA0001 LITTELFUSE-0FHA0001 Datasheet
586Kb / 1P
INLINE FUSE HOLDER FOR ATO STYLE BLADE FUSE
0FHA0001HXGLO LITTELFUSE-0FHA0001HXGLO Datasheet
150Kb / 1P
ATO짰 FHA SERIES 32V IN-LINE BLADE FUSE HOLDER
2021
0FHA0001LXN LITTELFUSE-0FHA0001LXN Datasheet
150Kb / 1P
ATO짰 FHA SERIES 32V IN-LINE BLADE FUSE HOLDER
2021
0FHA0001SXJ LITTELFUSE-0FHA0001SXJ Datasheet
150Kb / 1P
ATO짰 FHA SERIES 32V IN-LINE BLADE FUSE HOLDER
2021
0FHA0001XP LITTELFUSE-0FHA0001XP Datasheet
150Kb / 1P
ATO짰 FHA SERIES 32V IN-LINE BLADE FUSE HOLDER
2021
More results


Similar Description - 0FHA0200ZP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0257001.PXPV LITTELFUSE-0257001.PXPV Datasheet
175Kb / 2P
ATO짰 Blade Fuse Rated 32V
04980921GXM5 LITTELFUSE-04980921GXM5_V01 Datasheet
146Kb / 1P
MIDI 498 IL SERIES 32V IN-LINE FUSE HOLDER
080421-A
0FNY0001ZXJ LITTELFUSE-0FNY0001ZXJ Datasheet
157Kb / 1P
GLASS FNY SERIES 32V IN-LINE GLASS FUSE HOLDER
2021
277 LITTELFUSE-277 Datasheet
179Kb / 1P
277 IN-LINE SERIES 32V 20A IN-LINE BLADE FUSE HOLDER
2022
ATO155 LITTELFUSE-ATO155 Datasheet
117Kb / 1P
ATO짰 155 SERIES 32V STACKABLE IN-LINE PANEL-MOUNT FUSE HOLDER WITH LOOPED WIRE LEADS
2021
ATOAFH LITTELFUSE-ATOAFH Datasheet
192Kb / 1P
ATO짰 AFH SERIES 32V IN-LINE WIRE-LEADED PANEL-MOUNT FUSE HOLDER
2021
ATOFHA LITTELFUSE-ATOFHA Datasheet
150Kb / 1P
ATO짰 FHA SERIES 32V IN-LINE BLADE FUSE HOLDER
2021
ATOFKH LITTELFUSE-ATOFKH Datasheet
150Kb / 1P
ATO짰 FKH SERIES 32V BLADE FUSE HOLDER
2021
MINIADD-A-CIRCUIT LITTELFUSE-MINIADD-A-CIRCUIT Datasheet
211Kb / 1P
MINI짰 ADD-A-CIRCUIT짰 SERIES FUSE HOLDER FOR MINI짰, LOW PROFILE MINI짰, OR MICRO2짰 FUSES
2021
SEALEDMINI LITTELFUSE-SEALEDMINI Datasheet
185Kb / 1P
SEALED MINI짰 SERIES 32V WATERPROOF IN-LINE BLADE FUSE HOLDER
2021
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com