Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0FHA0200ZP Datasheet(PDF) 1 Page - Littelfuse

Part # 0FHA0200ZP
Description  ATO짰 ADD-A-CIRCUIT짰 SERIES 32V IN-LINE FUSE HOLDER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0FHA0200ZP Datasheet(HTML) 1 Page - Littelfuse

  0FHA0200ZP Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Littelfuse.com
© 2021 Littelfuse, Inc.
080421-A
Description
The ATO® Add-A-Circuit® Series 32V In-Line Fuse Holder
allows easy installation of an added circuit without cutting
or splicing. The ATO® fuse tap turns a single fuse slot into
two so you can protect the new accessory circuit as well
as the existing circuit.
This fuse tap features 16 AWG UL 1015 wire leads and butt
splice connectors to make in-line installation simple.
The ATO® Add-A-Circuit® Series fuse tap is available in bulk
or as a carded blister packaged ATO® Add-A-Circuit® Series
kit that comes with a set of ATO® blade fuses. The fuse
set includes one 3-amp, one 5-amp, one 7.5-amp, and one
10-amp fuse.
Web Resources
Download 2D print, installation guide and technical
resources at: littelfuse.com/ATO-AddACircuit
Applications
• Accessory Circuits
Features and Benefits
• Compatible with ATO® blade fuses rated up to 10 amps
• Turns one fuse slot into two to protect an added
accessory circuit without cutting or splicing
• Butt splice connectors ensure easy wiring
• Red 16 AWG UL 1015 wire leads
• Available ATO® Add-A-Circuit® Series blister packaged
fuse tap kit comes with a set of fuses
(3A, 5A, 7.5A, and 10A)
Ordering Information
PART
NUMBER
DESCRIPTION
FUSE TYPE
MOUNTING METHOD
MAX CURRENT
RATING
MAX VOLTAGE
RATING
0FHA0200Z
32V In-Line Fuse Holder
ATO Fuse
In-Line Fuse Holder Blades /
Butt Splice Connector
10 AMPS
32 VDC
0FHA0200ZP
32V In-Line Fuse Holder Kit with Fuses - Blister Pack
ATO Fuse
In-Line Fuse Holder Blades /
Butt Splice Connector
10 AMPS
32 VDC
Specifications
Current Rating Continuous: 
7.5A
Current Rating Max: 
10A
Fuse Type: 
ATO® Fuses
Mounting Method: 
In-Line Fuse Holder Blades / Butt Splice
Connector
Max Voltage Rating: 
32VDC
ATO® ADD-A-CIRCUIT® SERIES
32V IN-LINE FUSE HOLDER
0FHA0200Z


Similar Part No. - 0FHA0200ZP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0FHA0001 LITTELFUSE-0FHA0001 Datasheet
586Kb / 1P
INLINE FUSE HOLDER FOR ATO STYLE BLADE FUSE
0FHA0001HXGLO LITTELFUSE-0FHA0001HXGLO Datasheet
150Kb / 1P
ATO짰 FHA SERIES 32V IN-LINE BLADE FUSE HOLDER
2021
0FHA0001LXN LITTELFUSE-0FHA0001LXN Datasheet
150Kb / 1P
ATO짰 FHA SERIES 32V IN-LINE BLADE FUSE HOLDER
2021
0FHA0001SXJ LITTELFUSE-0FHA0001SXJ Datasheet
150Kb / 1P
ATO짰 FHA SERIES 32V IN-LINE BLADE FUSE HOLDER
2021
0FHA0001XP LITTELFUSE-0FHA0001XP Datasheet
150Kb / 1P
ATO짰 FHA SERIES 32V IN-LINE BLADE FUSE HOLDER
2021
More results

Similar Description - 0FHA0200ZP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0257001.PXPV LITTELFUSE-0257001.PXPV Datasheet
175Kb / 2P
ATO짰 Blade Fuse Rated 32V
04980921GXM5 LITTELFUSE-04980921GXM5_V01 Datasheet
146Kb / 1P
MIDI 498 IL SERIES 32V IN-LINE FUSE HOLDER
080421-A
0FNY0001ZXJ LITTELFUSE-0FNY0001ZXJ Datasheet
157Kb / 1P
GLASS FNY SERIES 32V IN-LINE GLASS FUSE HOLDER
2021
277 LITTELFUSE-277 Datasheet
179Kb / 1P
277 IN-LINE SERIES 32V 20A IN-LINE BLADE FUSE HOLDER
2022
ATO155 LITTELFUSE-ATO155 Datasheet
117Kb / 1P
ATO짰 155 SERIES 32V STACKABLE IN-LINE PANEL-MOUNT FUSE HOLDER WITH LOOPED WIRE LEADS
2021
ATOAFH LITTELFUSE-ATOAFH Datasheet
192Kb / 1P
ATO짰 AFH SERIES 32V IN-LINE WIRE-LEADED PANEL-MOUNT FUSE HOLDER
2021
ATOFHA LITTELFUSE-ATOFHA Datasheet
150Kb / 1P
ATO짰 FHA SERIES 32V IN-LINE BLADE FUSE HOLDER
2021
ATOFKH LITTELFUSE-ATOFKH Datasheet
150Kb / 1P
ATO짰 FKH SERIES 32V BLADE FUSE HOLDER
2021
MINIADD-A-CIRCUIT LITTELFUSE-MINIADD-A-CIRCUIT Datasheet
211Kb / 1P
MINI짰 ADD-A-CIRCUIT짰 SERIES FUSE HOLDER FOR MINI짰, LOW PROFILE MINI짰, OR MICRO2짰 FUSES
2021
SEALEDMINI LITTELFUSE-SEALEDMINI Datasheet
185Kb / 1P
SEALED MINI짰 SERIES 32V WATERPROOF IN-LINE BLADE FUSE HOLDER
2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com