Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-14360 Datasheet (PDF) - SparkFun Electronics

COM-14360 Datasheet PDF - SparkFun Electronics
Part # COM-14360
Download  COM-14360 Download
File Size   1071.38 Kbytes
Page   2 Pages
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics
Description SparkFun Lumenati 3x3

COM-14360 Datasheet (PDF)

Go To PDF Page Download Datasheet
COM-14360 Datasheet PDF - SparkFun Electronics

Part # COM-14360
Download  COM-14360 Click to download

File Size   1071.38 Kbytes
Page   2 Pages
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics
Description SparkFun Lumenati 3x3

COM-14360 Datasheet (HTML) - SparkFun Electronics


COM-14360 Product details

FEATURES
 Dimensions: 34.7mm x 23.3mm x 3.2mm (1.4" x 0.9" x 0.12")
 Weight: 3.35g




Similar Part No. - COM-14360

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-14325 SPARKFUN-COM-14325 Datasheet
76Kb / 1P
RFID Tag (125kHz)
6-20-17
COM-14353 SPARKFUN-COM-14353 Datasheet
180Kb / 2P
sparkfun lumenati 4-pack
10-17-17
COM-14357 SPARKFUN-COM-14357 Datasheet
195Kb / 2P
SparkFun Lumenati 8-pack
10-17-17
COM-14358 SPARKFUN-COM-14358 Datasheet
148Kb / 2P
SparkFun Lumenati 90R
10-17-17
COM-14359 SPARKFUN-COM-14359 Datasheet
137Kb / 2P
SparkFun Lumenati 8-stick
10-17-17
More results


Similar Description - COM-14360

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100C1820 DAICO-100C1820 Datasheet
30Kb / 1P
(3x3) Switch Matrix
logo
LUMEX INC.
SNR-40147 LUMEX-SNR-40147 Datasheet
109Kb / 1P
COOLED PbS 3x3
logo
List of Unclassifed Man...
KIT-14007 ETC2-KIT-14007 Datasheet
81Kb / 1P
SparkFun PiRetrocade
logo
Infineon Technologies A...
BSZ0910ND INFINEON-BSZ0910ND Datasheet
1Mb / 11P
PowerStage 3x3
Rev.2.0,2017-11-23
logo
SparkFun Electronics
DEV-14214 SPARKFUN-DEV-14214 Datasheet
186Kb / 2P
SparkFun weather:bit
6??6??7
COM-14353 SPARKFUN-COM-14353 Datasheet
180Kb / 2P
sparkfun lumenati 4-pack
10-17-17
COM-14357 SPARKFUN-COM-14357 Datasheet
195Kb / 2P
SparkFun Lumenati 8-pack
10-17-17
COM-14358 SPARKFUN-COM-14358 Datasheet
148Kb / 2P
SparkFun Lumenati 90R
10-17-17
COM-14359 SPARKFUN-COM-14359 Datasheet
137Kb / 2P
SparkFun Lumenati 8-stick
10-17-17
COM-14452 SPARKFUN-COM-14452 Datasheet
167Kb / 2P
SparkFun Lumenati 90L
10-17-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com