Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-14358 Datasheet (PDF) - SparkFun Electronics

COM-14358 Datasheet PDF - SparkFun Electronics
Part # COM-14358
Download  COM-14358 Download
File Size   148.93 Kbytes
Page   2 Pages
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics
Description SparkFun Lumenati 90R

COM-14358 Datasheet (PDF)

Go To PDF Page Download Datasheet
COM-14358 Datasheet PDF - SparkFun Electronics

Part # COM-14358
Download  COM-14358 Click to download

File Size   148.93 Kbytes
Page   2 Pages
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics
Description SparkFun Lumenati 90R

COM-14358 Datasheet (HTML) - SparkFun Electronics


COM-14358 Product details

Note: There are two solder jumpers on the back of the 90R labeled CO and DO (clock out and data
out) that can be cut to interrupt those signals in case you make a closed-loop design where you
don’t want the clock and data from your last LED to interfere with the clock and data to your first. It is
critical that you cut the traces in the jumpers of the last board in the loop before you power up your
LEDs if you’ve put together a continuous loop of Lumenati boards. Otherwise, it is likely that you’ll
burn out a couple of LEDs.
 Dimensions: 35.7mm x 17.7mm x 3.2mm (1.4" x 0.7" x 0.12")
 Weight: 1.4g




Similar Part No. - COM-14358

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-14353 SPARKFUN-COM-14353 Datasheet
180Kb / 2P
sparkfun lumenati 4-pack
10-17-17
COM-14357 SPARKFUN-COM-14357 Datasheet
195Kb / 2P
SparkFun Lumenati 8-pack
10-17-17
COM-14359 SPARKFUN-COM-14359 Datasheet
137Kb / 2P
SparkFun Lumenati 8-stick
10-17-17
More results


Similar Description - COM-14358

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KIT-14007 ETC2-KIT-14007 Datasheet
81Kb / 1P
SparkFun PiRetrocade
logo
SparkFun Electronics
DEV-14213 SPARKFUN-DEV-14213 Datasheet
170Kb / 2P
SparkFun moto:bit
6??6??7
DEV-14214 SPARKFUN-DEV-14214 Datasheet
186Kb / 2P
SparkFun weather:bit
6??6??7
DEV-14215 SPARKFUN-DEV-14215 Datasheet
103Kb / 2P
SparkFun gamer:bit
6??6??7
DEV-14484 SPARKFUN-DEV-14484 Datasheet
197Kb / 3P
SparkFun gator:bit
5??5??8
COM-14360 SPARKFUN-COM-14360 Datasheet
1Mb / 2P
SparkFun Lumenati 3x3
10-17-17
COM-14353 SPARKFUN-COM-14353 Datasheet
180Kb / 2P
sparkfun lumenati 4-pack
10-17-17
COM-14357 SPARKFUN-COM-14357 Datasheet
195Kb / 2P
SparkFun Lumenati 8-pack
10-17-17
COM-14359 SPARKFUN-COM-14359 Datasheet
137Kb / 2P
SparkFun Lumenati 8-stick
10-17-17
COM-14452 SPARKFUN-COM-14452 Datasheet
167Kb / 2P
SparkFun Lumenati 90L
10-17-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com