Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-14353 Datasheet (PDF) - SparkFun Electronics

COM-14353 Datasheet PDF - SparkFun Electronics
Part # COM-14353
Download  COM-14353 Download
File Size   180.41 Kbytes
Page   2 Pages
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics
Description sparkfun lumenati 4-pack

COM-14353 Datasheet (PDF)

Go To PDF Page Download Datasheet
COM-14353 Datasheet PDF - SparkFun Electronics

Part # COM-14353
Download  COM-14353 Click to download

File Size   180.41 Kbytes
Page   2 Pages
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics
Description sparkfun lumenati 4-pack

COM-14353 Datasheet (HTML) - SparkFun Electronics


COM-14353 Product details

Note: This product only includes one board, not four. The term “4-pack” refers to there being four
APA102C LEDs equipped to the Lumenati.
Dimensions: 21.5mm x 21.5mm x 3.2mm (0.85" x 0.85" x 0.12")
Weight: 1.55g




Similar Part No. - COM-14353

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-14357 SPARKFUN-COM-14357 Datasheet
195Kb / 2P
SparkFun Lumenati 8-pack
10-17-17
COM-14358 SPARKFUN-COM-14358 Datasheet
148Kb / 2P
SparkFun Lumenati 90R
10-17-17
COM-14359 SPARKFUN-COM-14359 Datasheet
137Kb / 2P
SparkFun Lumenati 8-stick
10-17-17
More results


Similar Description - COM-14353

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
KIT-13094 SPARKFUN-KIT-13094 Datasheet
126Kb / 2P
SparkFun Sensor Pack for Intel짰 Edison
10/23/2015
KIT-15476 SPARKFUN-KIT-15476 Datasheet
88Kb / 2P
SparkFun Inventor is Kit Bridge Pack - v4.1
8??3??9
KIT-15818 SPARKFUN-KIT-15818 Datasheet
234Kb / 2P
SparkFun Paper Circuits Classroom Pack
2??0??0
KIT-16468 SPARKFUN-KIT-16468 Datasheet
151Kb / 1P
SparkFun Inventor is Kit Refill Pack
4????0
LAB-15229 SPARKFUN-LAB-15229 Datasheet
148Kb / 3P
SparkFun Inventor is Kit for micro:bit Lab Pack
5??4??
COM-14360 SPARKFUN-COM-14360 Datasheet
1Mb / 2P
SparkFun Lumenati 3x3
10-17-17
COM-14357 SPARKFUN-COM-14357 Datasheet
195Kb / 2P
SparkFun Lumenati 8-pack
10-17-17
COM-14358 SPARKFUN-COM-14358 Datasheet
148Kb / 2P
SparkFun Lumenati 90R
10-17-17
COM-14359 SPARKFUN-COM-14359 Datasheet
137Kb / 2P
SparkFun Lumenati 8-stick
10-17-17
COM-14452 SPARKFUN-COM-14452 Datasheet
167Kb / 2P
SparkFun Lumenati 90L
10-17-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com