Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-14359 Datasheet (PDF) - SparkFun Electronics

COM-14359 Datasheet PDF - SparkFun Electronics
Part # COM-14359
Download  COM-14359 Download
File Size   137.08 Kbytes
Page   2 Pages
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics
Description SparkFun Lumenati 8-stick

COM-14359 Datasheet (PDF)

Go To PDF Page Download Datasheet
COM-14359 Datasheet PDF - SparkFun Electronics

Part # COM-14359
Download  COM-14359 Click to download

File Size   137.08 Kbytes
Page   2 Pages
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics
Description SparkFun Lumenati 8-stick

COM-14359 Datasheet (HTML) - SparkFun Electronics


COM-14359 Product details

Note: There are two solder jumpers on the back of the 8-stick labeled CO and DO (clock out and
data out) that can be cut to interrupt those signals in case you make a closed-loop design where you
don’t want the clock and data from your last LED to interfere with the clock and data to your first. It is
critical that you cut the traces in the jumpers of the last board in the loop before you power up your
LEDs if you’ve put together a continuous loop of Lumenati boards. Otherwise, it is likely that you’ll
burn out a couple of LEDs.

 Dimensions: 56.6mm x 15mm x 3.2mm (2.22" x 0.6" x 0.12")
 Weight: 2.8g




Similar Part No. - COM-14359

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-14353 SPARKFUN-COM-14353 Datasheet
180Kb / 2P
sparkfun lumenati 4-pack
10-17-17
COM-14357 SPARKFUN-COM-14357 Datasheet
195Kb / 2P
SparkFun Lumenati 8-pack
10-17-17
COM-14358 SPARKFUN-COM-14358 Datasheet
148Kb / 2P
SparkFun Lumenati 90R
10-17-17
More results


Similar Description - COM-14359

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
GMA4Y881C FAIRCHILD-GMA4Y881C Datasheet
187Kb / 5P
1.88 INCH (47.7mm) 8 X 8 DOT MATRIX STICK DISPLAY
logo
ITT Industries
CCM05-5774T60 ITT-CCM05-5774T60 Datasheet
159Kb / 3P
Memory Stick & Memory Stick Duo
logo
SparkFun Electronics
PRT-13032 SPARKFUN-PRT-13032 Datasheet
99Kb / 1P
SparkFun Breadboard Power Supply Stick - 5V/3.3V
4/16/2015
PRT-13157 SPARKFUN-PRT-13157 Datasheet
99Kb / 1P
SparkFun Breadboard Power Supply Stick - 3.3V/1.8V
4/16/2015
SEN-10724 SPARKFUN-SEN-10724 Datasheet
101Kb / 1P
SparkFun 9 Degrees of Freedom - Sensor Stick
6/24/2015
COM-14360 SPARKFUN-COM-14360 Datasheet
1Mb / 2P
SparkFun Lumenati 3x3
10-17-17
COM-14353 SPARKFUN-COM-14353 Datasheet
180Kb / 2P
sparkfun lumenati 4-pack
10-17-17
COM-14357 SPARKFUN-COM-14357 Datasheet
195Kb / 2P
SparkFun Lumenati 8-pack
10-17-17
COM-14358 SPARKFUN-COM-14358 Datasheet
148Kb / 2P
SparkFun Lumenati 90R
10-17-17
COM-14452 SPARKFUN-COM-14452 Datasheet
167Kb / 2P
SparkFun Lumenati 90L
10-17-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com