Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3001908 Datasheet (PDF) - PHOENIX CONTACT

3001908 Datasheet PDF - PHOENIX CONTACT
Part # 3001908
Download  3001908 Download
File Size   359.31 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Marshalling patchboard - PTMC 1,5 /4-3 -NS

3001908 Datasheet (PDF)

Go To PDF Page Download Datasheet
3001908 Datasheet PDF - PHOENIX CONTACT

Part # 3001908
Download  3001908 Click to download

File Size   359.31 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Marshalling patchboard - PTMC 1,5 /4-3 -NS

3001908 Datasheet (HTML) - PHOENIX CONTACT


3001908 Product details

Marshalling patchboard, nom. voltage: 500 V, nominal current: 10 A, connection method: Push-in
connection, Rated cross section: 1.5 mm2, cross section: 0.14 mm2 - 2.5 mm2, mounting: NS
35/7,5, NS 35/15, color: gray

Your advantages
• Individual setup thanks to modular principle
• Tool-free wiring in a confined space thanks to compact size
• Color configuration possible according to VDE 0812, VDE 0815, DIN 47100 or unlimited.
• Individual color assignment of cable and terminal point to ensure error-free, safe operation
• High contact quality thanks to push-in technology as a replacement for Wire-Wrap®, TERMI-POINT®, etc.
• For mounting on a DIN rail




Similar Part No. - 3001908

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
300190-9 VISHAY-300190-9 Datasheet
123Kb / 4P
Bulk Metal Foil Technology Molded Resistor Networks
18-Aug-04
logo
PHOENIX CONTACT
3001905 PHOENIX-3001905 Datasheet
359Kb / 14P
Marshalling patchboard - PTMC 1,5 /1-3 -NS
Jun 23, 2022
3001906 PHOENIX-3001906 Datasheet
359Kb / 14P
Marshalling patchboard - PTMC 1,5 /2-3 -NS
Jun 23, 2022
3001907 PHOENIX-3001907 Datasheet
359Kb / 14P
Marshalling patchboard - PTMC 1,5 /3-3 -NS
Jun 23, 2022
logo
Vishay Siliconix
300190Z VISHAY-300190Z Datasheet
148Kb / 6P
Ultra High Precision Z-Foil Voltage Divider and Network Resistor with TCR Tracking to 0.1 ppm/°C and Resistance Match to ± 0.005% (50 ppm)
08-Aug-06
More results


Similar Description - 3001908

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3001905 PHOENIX-3001905 Datasheet
359Kb / 14P
Marshalling patchboard - PTMC 1,5 /1-3 -NS
Jun 23, 2022
3001906 PHOENIX-3001906 Datasheet
359Kb / 14P
Marshalling patchboard - PTMC 1,5 /2-3 -NS
Jun 23, 2022
3001907 PHOENIX-3001907 Datasheet
359Kb / 14P
Marshalling patchboard - PTMC 1,5 /3-3 -NS
Jun 23, 2022
3001910 PHOENIX-3001910 Datasheet
358Kb / 14P
Marshalling patchboard - PTMC 1,5 /5-3 -NS
Jun 23, 2022
3001911 PHOENIX-3001911 Datasheet
359Kb / 14P
Marshalling patchboard - PTMC 1,5 /6-3 -NS
Jun 23, 2022
3001913 PHOENIX-3001913 Datasheet
359Kb / 14P
Marshalling patchboard - PTMC 1,5 /7-3 -NS
Jun 23, 2022
3001914 PHOENIX-3001914 Datasheet
359Kb / 14P
Marshalling patchboard - PTMC 1,5 /8-3 -NS
Jun 23, 2022
3001917 PHOENIX-3001917 Datasheet
347Kb / 14P
Marshalling patchboard - PTMC 1,5 /3-2 -NS
Jun 23, 2022
3001918 PHOENIX-3001918 Datasheet
347Kb / 14P
Marshalling patchboard - PTMC 1,5 /4-2 -NS
Jun 23, 2022
3001919 PHOENIX-3001919 Datasheet
347Kb / 14P
Marshalling patchboard - PTMC 1,5 /5-2 -NS
Jun 23, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com