Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3001908 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 3001908
Description  Marshalling patchboard - PTMC 1,5 /4-3 -NS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3001908 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  3001908 Datasheet HTML 1Page - PHOENIX CONTACT 3001908 Datasheet HTML 2Page - PHOENIX CONTACT 3001908 Datasheet HTML 3Page - PHOENIX CONTACT 3001908 Datasheet HTML 4Page - PHOENIX CONTACT 3001908 Datasheet HTML 5Page - PHOENIX CONTACT 3001908 Datasheet HTML 6Page - PHOENIX CONTACT 3001908 Datasheet HTML 7Page - PHOENIX CONTACT 3001908 Datasheet HTML 8Page - PHOENIX CONTACT 3001908 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Technical Data
Product properties
Product type
Marshalling terminal
Number of positions
4
Number of connections
24
Number of rows
1
Insulation characteristics
Overvoltage category
III
Electrical properties
Maximum power dissipation for nominal condition
0.56 W
Connection data
Number of connections per level
24
Nominal cross section
1.5 mm²
Level 1
Stripping length
8 mm ... 10 mm
Conductor cross section solid
0.14 mm² ... 2.5 mm²
Cross section AWG
26 ... 14
Conductor cross section flexible
0.14 mm² ... 1.5 mm²
Conductor cross section, flexible [AWG]
26 ... 14
Flexible conductor cross section flexible (ferrule, w/o plastic
sleeve)
0.14 mm² ... 1.5 mm²
Flexible conductor cross section (ferrule with plastic sleeve)
0.14 mm² ... 1.5 mm²
Nominal current
10 A
Maximum load current
22 A
Nominal voltage
500 V
Nominal cross section
1.5 mm²
Level 1 Connection cross sections directly pluggable
Conductor cross section solid
0.34 mm² ... 2.5 mm²
Conductor cross section, solid [AWG]
20 ... 12
Conductor cross section flexible
0.34 mm² ... 1.5 mm²
Conductor cross section, flexible [AWG]
14
Flexible conductor cross section flexible (ferrule, w/o plastic
sleeve)
0.34 mm² ... 1.5 mm²
Flexible conductor cross section (ferrule with plastic sleeve)
0.34 mm² ... 1.5 mm²
Dimensions
Width
variable
Height NS 35/15
70.3 mm
Height NS 35/7,5
62.8 mm
Marshalling patchboard - PTMC 1,5 /4-3 -NS
3001908
https://www.phoenixcontact.com/us/products/3001908
Jun 23, 2022, 6:26 AM
Page 3 (14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com