Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3001908 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 3001908
Description  Marshalling patchboard - PTMC 1,5 /4-3 -NS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3001908 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  3001908 Datasheet HTML 1Page - PHOENIX CONTACT 3001908 Datasheet HTML 2Page - PHOENIX CONTACT 3001908 Datasheet HTML 3Page - PHOENIX CONTACT 3001908 Datasheet HTML 4Page - PHOENIX CONTACT 3001908 Datasheet HTML 5Page - PHOENIX CONTACT 3001908 Datasheet HTML 6Page - PHOENIX CONTACT 3001908 Datasheet HTML 7Page - PHOENIX CONTACT 3001908 Datasheet HTML 8Page - PHOENIX CONTACT 3001908 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Length
63 mm
Material specifications
Color
gray
Flammability rating according to UL 94
V0
Insulating material group
I
Insulating material
PA
Mechanical properties
Mechanical data
Open side panel
No
Environmental and real-life conditions
Ambient conditions
Ambient temperature (operation)
-60 °C ... 85 °C
Ambient temperature (storage/transport)
-25 °C ... 55 °C (for a short time, not exceeding 24 h, -60 °C to
+70 °C)
Ambient temperature (assembly)
-5 °C ... 70 °C
Ambient temperature (actuation)
-5 °C ... 70 °C
Permissible humidity (storage/transport)
30 % ... 70 %
Mounting
NS 35/7,5
Mounting type
NS 35/15
Marshalling patchboard - PTMC 1,5 /4-3 -NS
3001908
https://www.phoenixcontact.com/us/products/3001908
Jun 23, 2022, 6:26 AM
Page 4 (14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com