Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3001908 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3001908
Description  Marshalling patchboard - PTMC 1,5 /4-3 -NS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3001908 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3001908 Datasheet HTML 1Page - PHOENIX CONTACT 3001908 Datasheet HTML 2Page - PHOENIX CONTACT 3001908 Datasheet HTML 3Page - PHOENIX CONTACT 3001908 Datasheet HTML 4Page - PHOENIX CONTACT 3001908 Datasheet HTML 5Page - PHOENIX CONTACT 3001908 Datasheet HTML 6Page - PHOENIX CONTACT 3001908 Datasheet HTML 7Page - PHOENIX CONTACT 3001908 Datasheet HTML 8Page - PHOENIX CONTACT 3001908 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Marshalling patchboard, nom. voltage: 500 V, nominal current: 10 A, connection method: Push-in
connection, Rated cross section: 1.5 mm2, cross section: 0.14 mm2 - 2.5 mm2, mounting: NS
35/7,5, NS 35/15, color: gray
Your advantages
Individual setup thanks to modular principle
•
Tool-free wiring in a confined space thanks to compact size
•
Color configuration possible according to VDE 0812, VDE 0815, DIN 47100 or unlimited.
•
Individual color assignment of cable and terminal point to ensure error-free, safe operation
•
High contact quality thanks to push-in technology as a replacement for Wire-Wrap®, TERMI-POINT®, etc.
•
For mounting on a DIN rail
•
Marshalling patchboard - PTMC 1,5 /4-3 -NS
3001908
https://www.phoenixcontact.com/us/products/3001908
Jun 23, 2022, 6:26 AM
Page 1 (14)


Similar Part No. - 3001908

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
300190-9 VISHAY-300190-9 Datasheet
123Kb / 4P
Bulk Metal Foil Technology Molded Resistor Networks
18-Aug-04
logo
PHOENIX CONTACT
3001905 PHOENIX-3001905 Datasheet
359Kb / 14P
Marshalling patchboard - PTMC 1,5 /1-3 -NS
Jun 23, 2022
3001906 PHOENIX-3001906 Datasheet
359Kb / 14P
Marshalling patchboard - PTMC 1,5 /2-3 -NS
Jun 23, 2022
3001907 PHOENIX-3001907 Datasheet
359Kb / 14P
Marshalling patchboard - PTMC 1,5 /3-3 -NS
Jun 23, 2022
logo
Vishay Siliconix
300190Z VISHAY-300190Z Datasheet
148Kb / 6P
Ultra High Precision Z-Foil Voltage Divider and Network Resistor with TCR Tracking to 0.1 ppm/°C and Resistance Match to ± 0.005% (50 ppm)
08-Aug-06
More results

Similar Description - 3001908

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3001905 PHOENIX-3001905 Datasheet
359Kb / 14P
Marshalling patchboard - PTMC 1,5 /1-3 -NS
Jun 23, 2022
3001906 PHOENIX-3001906 Datasheet
359Kb / 14P
Marshalling patchboard - PTMC 1,5 /2-3 -NS
Jun 23, 2022
3001907 PHOENIX-3001907 Datasheet
359Kb / 14P
Marshalling patchboard - PTMC 1,5 /3-3 -NS
Jun 23, 2022
3001910 PHOENIX-3001910 Datasheet
358Kb / 14P
Marshalling patchboard - PTMC 1,5 /5-3 -NS
Jun 23, 2022
3001911 PHOENIX-3001911 Datasheet
359Kb / 14P
Marshalling patchboard - PTMC 1,5 /6-3 -NS
Jun 23, 2022
3001913 PHOENIX-3001913 Datasheet
359Kb / 14P
Marshalling patchboard - PTMC 1,5 /7-3 -NS
Jun 23, 2022
3001914 PHOENIX-3001914 Datasheet
359Kb / 14P
Marshalling patchboard - PTMC 1,5 /8-3 -NS
Jun 23, 2022
3001917 PHOENIX-3001917 Datasheet
347Kb / 14P
Marshalling patchboard - PTMC 1,5 /3-2 -NS
Jun 23, 2022
3001918 PHOENIX-3001918 Datasheet
347Kb / 14P
Marshalling patchboard - PTMC 1,5 /4-2 -NS
Jun 23, 2022
3001919 PHOENIX-3001919 Datasheet
347Kb / 14P
Marshalling patchboard - PTMC 1,5 /5-2 -NS
Jun 23, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com