Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2927T Datasheet (PDF) - List of Unclassifed Manufacturers

LM2927T Datasheet PDF - List of Unclassifed Manufacturers
Part # LM2927T
Download  LM2927T Download
File Size   56.38 Kbytes
Page   3 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description VERY LOW DROP 5V VOLTAGE REGULATOR WITH RESET

LM2927T Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2927T Datasheet PDF - List of Unclassifed Manufacturers

Part # LM2927T
Download  LM2927T Click to download

File Size   56.38 Kbytes
Page   3 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description VERY LOW DROP 5V VOLTAGE REGULATOR WITH RESET

LM2927T Datasheet (HTML) - List of Unclassifed Manufacturers


LM2927T Product details

ı PRECISE OUTPUT VOLTAG E (5V ± 4% )
ı VERY LOW DROPOUT VOLTAGE
ı OUTPUT CURRENT IN EXCESS OF 500mA
ı POWER-ON, POWER-OF F INFOR MATION
( RESET FUNCTI ON)
ı +80/‒80V LOAD DUMP PROTECTION
ı OVERVOLTAGE AND REVERSE VOLTAG E
PROTECTION
ı SHORT CIRCUIT PROTECTION AND
THERMAL SHUT-DOWN




Similar Part No. - LM2927T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2927T NSC-LM2927T Datasheet
319Kb / 9P
Low Dropout Regulator with Delayed Reset
LM2927T NSC-LM2927T Datasheet
404Kb / 10P
Low Dropout Regulator with Delayed Reset
More results


Similar Description - LM2927T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L387A STMICROELECTRONICS-L387A Datasheet
81Kb / 6P
VERY LOW DROP 5V REGULATOR WITH RESET
Oct-1991
L4922 STMICROELECTRONICS-L4922 Datasheet
50Kb / 6P
VERY LOW DROP REGULATOR WITH RESET
Jun-2000
L4923 STMICROELECTRONICS-L4923 Datasheet
53Kb / 6P
WITH RESET AND INHIBIT 5V.1A VERY LOW DROP REGULATOR
Jun-2000
L4925 STMICROELECTRONICS-L4925 Datasheet
69Kb / 8P
VERY LOW DROP VOLTAGE REGULATOR
Jun-2000
L4945 STMICROELECTRONICS-L4945 Datasheet
43Kb / 6P
5V VERY LOW DROP VOLTAGE REGULATOR
Mar-1999
L4947 STMICROELECTRONICS-L4947 Datasheet
57Kb / 6P
5V-0.5A VERY LOW DROP REGULATOR WITH RESET
Jun-2000
L4947PD STMICROELECTRONICS-L4947PD Datasheet
53Kb / 6P
5V-0.5A VERY LOW DROP REGULATOR WITH RESET
Jun-2000
L387A STMICROELECTRONICS-L387A_03 Datasheet
245Kb / 6P
VERY LOW DROP 5V REGULATOR WITH RESET
Jul-2003
L387AH STMICROELECTRONICS-L387AH Datasheet
262Kb / 6P
VERY LOW DROP 5V REGULATOR WITH RESET
Jul-2003
logo
ON Semiconductor
NCV4275C ONSEMI-NCV4275C Datasheet
143Kb / 15P
450 mA Low-Drop Voltage Regulator with Reset
January, 2014 ??Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com