Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAT7457 Datasheet (PDF) - Qorvo, Inc

TAT7457 Datasheet PDF - Qorvo, Inc
Part # TAT7457
Download  TAT7457 Download
File Size   768.33 Kbytes
Page   14 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 75Ω pHEMT Adjustable Gain RF Amplifier

TAT7457 Datasheet (PDF)

Go To PDF Page Download Datasheet
TAT7457 Datasheet PDF - Qorvo, Inc

Part # TAT7457
Download  TAT7457 Click to download

File Size   768.33 Kbytes
Page   14 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 75Ω pHEMT Adjustable Gain RF Amplifier

TAT7457 Datasheet (HTML) - Qorvo, Inc


TAT7457 Product details

Key Features
• Gain, return loss and bias externally adjustable
• On-chip active bias for consistent bias current and
repeatable performance
• DC – 2000 MHz bandwidth
• Low noise: typical NF < 2 dB to 1000 MHz
• Flexible 5 V to 8 V biasing
• IDD = 120 mA typical at VDD 5 V in application
circuit
• 19 dB typical gain in application circuit
• +40 dBm typical OIP3
• +61 dBm typical OIP2
• +21 dBm typical P1dB
• Low distortion: CSO -66 dBc, CTB -78 dBc
• (10 dBmV / ch at input, 80 ch NTSC flat)
• pHEMT device technology




Similar Part No. - TAT7457

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT7457 TRIQUINT-TAT7457 Datasheet
839Kb / 10P
75 HEMT Adjustable Gain RF Amplifier
TAT7457-EB TRIQUINT-TAT7457-EB Datasheet
839Kb / 10P
75 HEMT Adjustable Gain RF Amplifier
TAT7457 TRIQUINT-TAT7457_15 Datasheet
839Kb / 10P
75 HEMT Adjustable Gain RF Amplifier
More results


Similar Description - TAT7457

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA910 PHILIPS-SA910 Datasheet
114Kb / 13P
Variable gain RF predriver amplifier
1997 Aug 12
logo
Hittite Microwave Corpo...
HMC788LP2E HITTITE-HMC788LP2E Datasheet
1Mb / 6P
pHEMT GAIN BLOCK MMIC AMPLIFIER, DC - 10 GHz
logo
TriQuint Semiconductor
TAT7430B TRIQUINT-TAT7430B Datasheet
388Kb / 7P
CATV 75 廓 pHEMT High Gain RF Amplifier
logo
API Technologies Corp
QHB-5866 APITECH-QHB-5866 Datasheet
248Kb / 1P
RF Amplifier High Gain: 27.5 dB
QBS-8872 APITECH-QBS-8872 Datasheet
633Kb / 1P
RF Amplifier High Gain: 10.0 dB
logo
TriQuint Semiconductor
TAT7457 TRIQUINT-TAT7457_15 Datasheet
839Kb / 10P
75 HEMT Adjustable Gain RF Amplifier
QPB7464 TRIQUINT-QPB7464 Datasheet
1Mb / 11P
CATV 75(ohm) pHEMT Dual RF Amplifier
logo
Qorvo, Inc
QPB7400 QORVO-QPB7400 Datasheet
962Kb / 13P
CATV 75 Adjustable Low Gain (9??1dB) RF Amplifier
TAT7467E1F QORVO-TAT7467E1F Datasheet
614Kb / 13P
CATV 75 pHEMT Dual RF Amplifier
TAT7430B QORVO-TAT7430B Datasheet
378Kb / 7P
CATV 75 pHEMT High Gain RF Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com