Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA910 Datasheet (PDF) - NXP Semiconductors

SA910 Datasheet PDF - NXP Semiconductors
Part # SA910
Download  SA910 Download
File Size   114.44 Kbytes
Page   13 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Variable gain RF predriver amplifier

SA910 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA910 Datasheet PDF - NXP Semiconductors

Part # SA910
Download  SA910 Click to download

File Size   114.44 Kbytes
Page   13 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Variable gain RF predriver amplifier

SA910 Datasheet (HTML) - NXP Semiconductors


SA910 Product details

DESCRIPTION

The SA910 is a variable gain predriver amplifier designed for handheld analog cellular telephones. When used with a UHF power transistor, it forms a cost-effective, low-profile, surface mount power amplifier solution (1.2W maximum PAE > 50%). The SA910 integrates power detection and control circuitry that is stabilized over temperature and voltage. In power down mode, the SA910 draws less than 10µA of current. The SA910 is fabricated using Philips QUBiC BiCMOS process.



FEATURES

• MMIC BiCMOS predriver amplifier

• Low voltage 2.7 to 5.5V single supply operation

• 820 to 905MHz bandwidth

• High power gain >20dB

• High power output >23dBm (typical) @ 3V

• Efficiency = 35% (typical)

• Wide gain control range: >32dB

• Few external components required

• Integrated power detector and comparison gain control circuitry

• 50Ω input, open-collector output

• SSOP-20 package

• Integrated regulator with offset adjustment for biasing an external output stage



APPLICATIONS

• 900MHz analog cellular

• Handheld transmitting equipment in the 820 to 905MHz frequency range

• Cordless phone



 




Similar Part No. - SA910

ManufacturerPart #DatasheetDescription
logo
Sames
SA9101 SAMES-SA9101 Datasheet
711Kb / 40P
PCM FRAME ALIGNER
SA9102C SAMES-SA9102C Datasheet
60Kb / 12P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC PULSE OUTPUT
SA9102CPA SAMES-SA9102CPA Datasheet
60Kb / 12P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC PULSE OUTPUT
SA9102CSA SAMES-SA9102CSA Datasheet
60Kb / 12P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC PULSE OUTPUT
SA9102F SAMES-SA9102F Datasheet
156Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
More results


Similar Description - SA910

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VCA2617 BURR-BROWN-VCA2617 Datasheet
526Kb / 19P
Dual, Variable Gain Amplifier
logo
RFHIC
2AM0405S RFHIC-2AM0405S Datasheet
890Kb / 9P
Variable Gain Amplifier
logo
Hittite Microwave Corpo...
HMC996LP4E HITTITE-HMC996LP4E_12 Datasheet
550Kb / 8P
VARIABLE GAIN AMPLIFIER
HMC997LC4 HITTITE-HMC997LC4_12 Datasheet
581Kb / 8P
VARIABLE GAIN AMPLIFIER
logo
Cooper Bussmann, Inc.
HMC6187LP4E COOPER-HMC6187LP4E Datasheet
1Mb / 8P
VARIABLE GAIN AMPLIFIER
logo
Analog Devices
AD8330 AD-AD8330_16 Datasheet
1Mb / 32P
Variable Gain Amplifier
5/2016-Rev. G to Rev. H
HMC996LP4E AD-HMC996LP4E Datasheet
479Kb / 8P
VARIABLE GAIN AMPLIFIER
HMC997LC4 AD-HMC997LC4 Datasheet
453Kb / 8P
VARIABLE GAIN AMPLIFIER
HMC6187LP4E AD-HMC6187LP4E Datasheet
1,008Kb / 8P
VARIABLE GAIN AMPLIFIER
logo
NXP Semiconductors
OM7922 NXP-OM7922 Datasheet
104Kb / 2P
Variable gain amplifier
5/21/2012
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com