Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA910 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA910
Description  Variable gain RF predriver amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA910 Datasheet(HTML) 5 Page - NXP Semiconductors

  SA910 Datasheet HTML 1Page - NXP Semiconductors SA910 Datasheet HTML 2Page - NXP Semiconductors SA910 Datasheet HTML 3Page - NXP Semiconductors SA910 Datasheet HTML 4Page - NXP Semiconductors SA910 Datasheet HTML 5Page - NXP Semiconductors SA910 Datasheet HTML 6Page - NXP Semiconductors SA910 Datasheet HTML 7Page - NXP Semiconductors SA910 Datasheet HTML 8Page - NXP Semiconductors SA910 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Philips Semiconductors
Product specification
SA910
Variable gain RF predriver amplifier
1997 Aug 12
5
C13 0.
SR01548
SA 910
ON–CHIP
EXTERNAL
AMP
PSENSE
RFOUT1
GND
RFOUT2
BIASOUT
OFFSET
PWRUP
VCC1
VREF
OUTLPF
RFIN
GND
VC
VCCBIAS
VCC1
C28
0.1uF
C23
0.001uF
VREF
C27
0.001uF
1000pf
VCC1
C14
0.1uF
R15 1K
VPWRUP
C24
0.001uF
C21
0.1uF
C26
0.001uF
L3 1.8nH
C20
0.001uF
C25
0.1uF
L1 33nH
C6 3.3pF
L4 3.9nH
C7 6.8pF
L2 5.6nH
VCC2
R3 68
R8 16.9
R5 100
R4
100
R9 18
R10 18
ATTENUATOR/SPLITTER
ATTENUATOR/
SPLITTER
0 OHM RES
RFout
130
4.7 uF
0 OHM RESI
VC
R19 10K
C15
0.001uF
C24
0.001uF
R17 10K
RFin
BIAS
BIAS
TO PSENSE
RFOUT
NETWORK
Figure 3. Test Circuit Used In Characterizing SA910
BLOCK DIAGRAM
SR01068
OFFSET
GND
RFOUT2
RFOUT1
A2
A1
VCC1
VCC BIAS
PWRUP
VREF
PSENSE
OUTLPF
BIASOUT
VC
EXTERNAL
AMP BIAS
ON-CHIP
BIAS
GND
RFIN
Figure 4. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com