Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA910 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA910
Description  Variable gain RF predriver amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA910 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA910 Datasheet HTML 3Page - NXP Semiconductors SA910 Datasheet HTML 4Page - NXP Semiconductors SA910 Datasheet HTML 5Page - NXP Semiconductors SA910 Datasheet HTML 6Page - NXP Semiconductors SA910 Datasheet HTML 7Page - NXP Semiconductors SA910 Datasheet HTML 8Page - NXP Semiconductors SA910 Datasheet HTML 9Page - NXP Semiconductors SA910 Datasheet HTML 10Page - NXP Semiconductors SA910 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Philips Semiconductors
Product specification
SA910
Variable gain RF predriver amplifier
1997 Aug 12
7
AC ELECTRICAL CHARACTERISTICS
VCC1 = VCCBIAS = +3V;VCC(RFOUT1, RFOUT2) = 3.6V; TA = 25°C, ZS = ZL = 50Ω; VC = 2V; RFIN = 0dBm @ 830MHz; unless otherwise
stated.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
fRF
Frequency range
820
830
905
MHz
P
Load power at RFO
Saturated1
21 5
24
dBm
PL
Load power at RFOUT2
Saturated1
21.5
24
dBm
S21
Small signal gain
RFin = –20dBm
31
dB
η
Power added efficiency
PL = 24dBm
35
%
S11
Input return loss
RFin = 0dBm
–12
dB
GC
Gain control range from Vc = 0.7 to 2V
dP/dV <120dB/V
32
dB
S12
Reverse isolation
-40
dB
GOFF
Gain at RFOUT2 during power-down
(RFIN = -20dBm)
-30
dB
PSENSE
Power detector range
25
dB
NOTE:
1. Needs proper output matching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com