Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA910 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA910
Description  Variable gain RF predriver amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA910 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA910 Datasheet HTML 4Page - NXP Semiconductors SA910 Datasheet HTML 5Page - NXP Semiconductors SA910 Datasheet HTML 6Page - NXP Semiconductors SA910 Datasheet HTML 7Page - NXP Semiconductors SA910 Datasheet HTML 8Page - NXP Semiconductors SA910 Datasheet HTML 9Page - NXP Semiconductors SA910 Datasheet HTML 10Page - NXP Semiconductors SA910 Datasheet HTML 11Page - NXP Semiconductors SA910 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Philips Semiconductors
Product specification
SA910
Variable gain RF predriver amplifier
1997 Aug 12
8
DC ELECTRICAL CHARACTERISTICS
VCC1 = VCCBIAS = +3V, VCC (RFOUT1, RFOUT2) = 3.6V; TA = 25°C, ZS = ZL = 50Ω, ; unless otherwise stated.
SYMBOL
PARAMETER
TEST
LIMITS
UNITS
SYMBOL
PARAMETER
CONDITIONS
MIN
-3
σ
TYP
+3
σ
MAX
UNITS
VCC
Power supply voltage range
2.7
3.0
5.5
V
ICC
Total DC current from all VCC
Pin 12 = HIGH;
Pin 9 > VBE
210
300
mA
IZB
ICC under zero bias mode
Pin 12 = HIGH;
Pin 9 < VBE
0.7
mA
IOFF
Powerdown current
Pin 12 = LOW
10
µA
I
Input current to PWRUP
Pin 12 = HIGH
100
µA
IPU
Input current to PWRUP
Pin 12 = LOW
10
µA
V
Input level for PWRUP (Pin 12)
Pin 12 = LOW
0
0.3VCC
V
VPU
Input level for PWRUP (Pin 12)
Pin 12 = HIGH
0.7VCC
VCC
V
IREF
Input current to VREF (Pin 2)
1
µA
VREF
Power control reference voltage (Pin 1)
0
2.0
V
VBIAS
BiasOUT voltage (Pin 19) (unadjusted)
VC = 2.0V
0.68
V
IBIAS
DC current available @ Bias-OUT (Pin 19)
30
mA
VC
Control voltage (Pin 9) range
0
2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com