Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA910 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SA910
Description  Variable gain RF predriver amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA910 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SA910 Datasheet HTML 5Page - NXP Semiconductors SA910 Datasheet HTML 6Page - NXP Semiconductors SA910 Datasheet HTML 7Page - NXP Semiconductors SA910 Datasheet HTML 8Page - NXP Semiconductors SA910 Datasheet HTML 9Page - NXP Semiconductors SA910 Datasheet HTML 10Page - NXP Semiconductors SA910 Datasheet HTML 11Page - NXP Semiconductors SA910 Datasheet HTML 12Page - NXP Semiconductors SA910 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Philips Semiconductors
Product specification
SA910
Variable gain RF predriver amplifier
1997 Aug 12
11
SR01532
–20
20
15
10
5
25
–16
–12
–8
–4
T = 25
°C, Input Freq = 830 MHz
dBm
–2
0
0
–6
–10
–14
–18
30
35
40
VCC = 3.0 V, VC = 2.0 V
VCC = 5.5 V, VC = 1.7 V
VCC = 2.7 V, VC = 2.5 V
Figure 17. PAE VS Input Power
SR01533
0W
AMBIENT OPERATING TEMPERATURE
POWER DISSIPATION (WATTS)
1W
135
°C
60
°C
P
=
D
(135 – T )
A °C
75
°C/W
Figure 18. Power De–Rating Curve
SR01534
–20
–30
–40
–10
VCC1 = 3.0V, VCC2 = 3.6V, T = 25°C
VC (VOLTS)
PIN = –20dBm@830 MHz
0
10
20
30
40
Figure 19. Small Signal Gain VS VC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com