Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA910 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SA910
Description  Variable gain RF predriver amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA910 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SA910 Datasheet HTML 5Page - NXP Semiconductors SA910 Datasheet HTML 6Page - NXP Semiconductors SA910 Datasheet HTML 7Page - NXP Semiconductors SA910 Datasheet HTML 8Page - NXP Semiconductors SA910 Datasheet HTML 9Page - NXP Semiconductors SA910 Datasheet HTML 10Page - NXP Semiconductors SA910 Datasheet HTML 11Page - NXP Semiconductors SA910 Datasheet HTML 12Page - NXP Semiconductors SA910 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Philips Semiconductors
Product specification
SA910
Variable gain RF predriver amplifier
1997 Aug 12
9
V
= 2.7V, VC = 2.5V
V
= 5.5V, VC = 1.7V
SR01521
25
20
15
10
30
T = 25C, input Freq = 830 MHz
V
= 3.0V, VC = 2.0V
CC
CC
CC
dBm
Figure 5. Output Power VS Input Power
SR01522
25
20
15
10
30
T = 25C, Pin = 0dBm
MHz
VCC = 3.0 V, VC = 2.0 V
VCC = 5.5 V, VC = 1.7 V
VCC = 2.7 V, VC = 2.5 V
Figure 6. Output Power VS Input Frequency
T = –40C
T = 85C
SR01523
VCC1 = 3.0V, VCC2 = 3.6V, Pin = 0dBm
T = 27C
MHz
10
15
20
25
30
820
830
840
850
860
870
880
890
900
VC = 2.0V
Figure 7. Output Power VS Input Frequency
T = –40C
T = 85C
SR01524
–20
–16
–12
–8
–4
VCC1 = 3.0V, VCC2 = 3.6V, INPUT FREQ = 830 MHZ
T = 27C
dBm
0
0
40
30
20
10
50
V
= 2.0V
C
–18
–14
–10
–6
–2
Figure 8. PAE VS Input Power
T = –40C
T = 85C
SR01525
VCC1 = 3.0V, VCC2 = 3.6V, INPUT FREQ = 830 MHZ
T = 27C
20
24
28
32
36
40
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
dbm
VC = 2.0V
Figure 9. Signal Gain VS Input Power
T = –40C
T = 85C
SR01526
VCC1 = 3.0V, VCC2 = 3.6V, Pin = –20 dBm
T = 27C
MHz
20
25
30
35
40
820
830
840
850
860
870
880
890
900
VC = 2.0V
Figure 10. Signal Gain VS Input Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com