Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA910 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SA910
Description  Variable gain RF predriver amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA910 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SA910 Datasheet HTML 5Page - NXP Semiconductors SA910 Datasheet HTML 6Page - NXP Semiconductors SA910 Datasheet HTML 7Page - NXP Semiconductors SA910 Datasheet HTML 8Page - NXP Semiconductors SA910 Datasheet HTML 9Page - NXP Semiconductors SA910 Datasheet HTML 10Page - NXP Semiconductors SA910 Datasheet HTML 11Page - NXP Semiconductors SA910 Datasheet HTML 12Page - NXP Semiconductors SA910 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Philips Semiconductors
Product specification
SA910
Variable gain RF predriver amplifier
1997 Aug 12
10
SR01527a
T = 25C, Input Freq = 830 MHz, Pin = –20dBm
V
=3.0V, VC = 2.0V
dBm
CC
V
=5.5V, VC = 1.7V
CC
V
=2.7V, VC = 2.5V
CC
20
25
30
35
40
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
Figure 11. Signal Gain VS Input Power
SR01528
T = 25C, Pin = –20 dBm
V
=3.0V, VC = 2.0V
MHz
CC
V
=5.5V, VC = 1.7V
CC
V
=2.7V, VC = 2.5V
CC
20
25
30
35
40
Figure 12. Signal Gain VS Input Frequency
SR01529
30
VCC1 = 3.0V, VCC2 = 3.6V, INPUT FREQ = 830 MHZ
T = 27C
dBm
T = 85C
T = –40C
25
20
15
10
V
=2.0V
C
Figure 13. Output Power VS Input Power
30
20
10
0
–10
–20
–30
–40
SR01530
VCC1 = 3.0V, VCC2 = 3.6V, PIN = 0dBm
T = 27C
Volts
T = 85C
T = –40C
INPUT FREQ = 830 MHz
T = 27C
T = 85C
T = –40C
Figure 14. Output Power VS VC
SR01531
30
VCC1 = 3.0V, VCC2 = 3.6V, Pin = 0 dBm
T = 27C
VOLTS
T = 85C
T = –40C
25
20
15
10
INPUT FREQ = 830MHz
Figure 15. Output Power VS VREF (Closed Loop)
SR01537
30
T = 27C, INPUT FREQ = 830 MHz, PIN = 0 dBm
VCC = 3.0V
VOLTS
VCC = 5.5V
VCC = 2.7V
25
20
15
10
Figure 16. Output Power VS VREF (Closed Loop)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com