Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA910 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA910
Description  Variable gain RF predriver amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA910 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA910 Datasheet HTML 1Page - NXP Semiconductors SA910 Datasheet HTML 2Page - NXP Semiconductors SA910 Datasheet HTML 3Page - NXP Semiconductors SA910 Datasheet HTML 4Page - NXP Semiconductors SA910 Datasheet HTML 5Page - NXP Semiconductors SA910 Datasheet HTML 6Page - NXP Semiconductors SA910 Datasheet HTML 7Page - NXP Semiconductors SA910 Datasheet HTML 8Page - NXP Semiconductors SA910 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Philips Semiconductors
Product specification
SA910
Variable gain RF predriver amplifier
1997 Aug 12
3
SR01535
V
V
C7
33PF
L3
1.8nH
VCC1
+3V
Vref
RFIN
GND
RF
GND
GND
OUT LPF
GND
V
V
BIAS
CC
P SENSE
BIAS OUT
GND
RF
GND
GND
RF
GND
PWR UP
OFFSET
CC1
REF
IN
C
OUT1
OUT2
SA910
1
2
3
4
5
6
7
8
9
10
VCC1
+3V
R1
1K
W
C3
100NF
VC
C2
10NF
20
19
18
17
16
15
14
13
12
11
C1
10NF
L1
33nH
L2
3.3nH
C8
33pF
BIAS OUT
VCC2
+3.6V
RF OUT
50
W
C9
0.5PF
C6
5.6PF
VCC2
+3.6V
C5
33pF
POWER
UP
BIAS
ADJUST
C4
8.2PF
W = 55MILS
L = 180MILS
H = 62MILS FR–4
Figure 1. Application Diagram
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
20-Pin Plastic SSOP (Shrink Small Outline Package)
-40 to +85
°C
SA910
SOT266-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com