Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDMM Datasheet (PDF) - Vishay Siliconix

CDMM Datasheet PDF - Vishay Siliconix
Part # CDMM
Download  CDMM Download
File Size   169.31 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Molded Thick Film Divider, High Voltage, High Precision, Surface-Mount

CDMM Datasheet (PDF)

Go To PDF Page Download Datasheet
CDMM Datasheet PDF - Vishay Siliconix

Part # CDMM
Download  CDMM Click to download

File Size   169.31 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Molded Thick Film Divider, High Voltage, High Precision, Surface-Mount

CDMM Datasheet (HTML) - Vishay Siliconix


CDMM Product details

FEATURES
• High voltage up to 1500 V utilizing thick film
technology
• Precision to ± 0.5 % with low TCR tracking to
10 ppm/°C utilizing thick film technology
• Sulfur resistant
• Automotive compliant terminations
• AEC-Q200 qualified
• Wide range of resistance value and ratios
• 12.5 mm creepage distance. Rated 1250 V per IEC 60664-1
• PATENT(S): www.vishay.com/patents
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - CDMM

ManufacturerPart #DatasheetDescription
logo
CUI INC
CDM-10008 CUI-CDM-10008 Datasheet
1Mb / 4P
metal frame
logo
CUI Devices
CDM-10008 CUID-CDM-10008 Datasheet
870Kb / 4P
SPEAKER
03/31/2023
logo
Merrimac Industries, In...
CDM-10M-.75G MERRIMAC-CDM-10M-.75G Datasheet
83Kb / 2P
DUAL DIRECTIONAL COUPLERS
CDM-10M-1.5G MERRIMAC-CDM-10M-1.5G Datasheet
83Kb / 2P
DUAL DIRECTIONAL COUPLERS
CDM-10M-10G MERRIMAC-CDM-10M-10G Datasheet
83Kb / 2P
DUAL DIRECTIONAL COUPLERS
More results


Similar Description - CDMM

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
T43D WELWYN-T43D Datasheet
164Kb / 2P
High Voltage Precision Thick Film Resistors
logo
IRC - a TT electronics ...
CGH IRCTT-CGH Datasheet
90Kb / 3P
Precision High-Voltage Thick Film Resistors
CGX IRCTT-CGX Datasheet
236Kb / 2P
Precision High-Voltage Thick-Film Resistors
logo
Ohmite Mfg. Co.
MC102821001JE OHMITE-MC102821001JE Datasheet
158Kb / 1P
High Voltage/High Resistance Precision Thick Film Surface Mount
MOX-F-011006DE OHMITE-MOX-F-011006DE Datasheet
147Kb / 1P
Precision Power Thick Film High Voltage/High Resistance Tubular
MOX-1-121000D OHMITE-MOX-1-121000D Datasheet
173Kb / 2P
Precision Thick Film Axial Terminal High Voltage/High Resistance
logo
TT Electronics.
CGH TTELEC-CGH_17 Datasheet
351Kb / 3P
Precision High-Voltage Thick Film Resistors
CGX TTELEC-CGX Datasheet
339Kb / 2P
Precision High-Voltage Thick Film Resistors
logo
Ohmite Mfg. Co.
MC101 OHMITE-MC101 Datasheet
363Kb / 2P
High Voltage/High Resistance Precision Thick Film Surface Mount
MOX-1-12 OHMITE-MOX-1-12 Datasheet
293Kb / 2P
Precision Thick Film Axial Terminal High Voltage
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com