Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDMM Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CDMM
Description  Molded Thick Film Divider, High Voltage, High Precision, Surface-Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CDMM Datasheet(HTML) 1 Page - Vishay Siliconix

  CDMM Datasheet HTML 1Page - Vishay Siliconix CDMM Datasheet HTML 2Page - Vishay Siliconix CDMM Datasheet HTML 3Page - Vishay Siliconix CDMM Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDMM
www.vishay.com
Vishay Techno
Revision: 08-Oct-2021
1
Document Number: 68041
For technical questions, contact: te1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Molded Thick Film Divider,
High Voltage, High Precision, Surface-Mount
LINKS TO ADDITIONAL RESOURCES
FEATURES
• High voltage up to 1500 V utilizing thick film
technology
• Precision to ± 0.5 % with low TCR tracking to
10 ppm/°C utilizing thick film technology
• Sulfur resistant
• Automotive compliant terminations
• AEC-Q200 qualified
• Wide range of resistance value and ratios
• 12.5 mm creepage distance. Rated 1250 V per IEC 60664-1
• PATENT(S): www.vishay.com/patents
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Notes
(1) Continuous working voltage shall be
or maximum working voltage, whichever is less
(2) Resistance value is calibrated at 100 VDC
(3) Contact factory for tighter tolerances
(4) Contact factory for other ratios
Notes
• Contact factory for other ratios
• For additional information on packaging, refer to the Surface Mount Resistor Packaging document (www.vishay.com/doc?31543)
PATENT(S): www.vishay.com/patents
This Vishay product is protected by one or more United States and international patents.
333
DDD3 D
3D Models
Available
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
CASE
SIZE
POWER
RATING
P70 °C
W
MAXIMUM
WORKING
VOLTAGE (1)
V
RESISTANCE
RANGE
R1 (2)
Ω
TOLERANCE (3)
R1
± %
RATIO
RANGE (4)
(
R1 + R2) / R2
RATIO
TOL.
± %
TCR
TRACKING
(-55 °C to +155 °C)
± ppm/°C
CDMM
4527
1.5
1500
500K to 50M
0.5, 1, 2, 5, 10
100:1 to 500:1
0.5, 1, 2, 5
10 - 50
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: CDMM20M0F2500FEF (preferred part number format)
GLOBAL
MODEL
RESISTANCE
VALUE (R1)
TOLERANCE
RATIO
(R1 + R2) / R2
RATIO
TOLERANCE
SOLDER
TERMINATION
PACKAGING
SPECIAL
(see Standard
Electrical
Specifications
Global Model
column for
options)
K = k
Ω
M = M
Ω
525K =
525 k
Ω
1M50 =
1.5 M
Ω
D = ± 0.5 %
F = ± 1 %
G = ± 2 %
J = ± 5 %
K = ± 10 %
3 digit
significant
figure,
followed by a
multiplier
2500 = 250:1
3000 = 300:1
D = ± 0.5 %
F = ± 1 %
G = ± 2 %
J = ± 5 %
E = Sn100
B = bulk
(250 pcs max.)
F = T/R
(1200 pcs)
1 = T/R
(1000 pcs)
5 = T/R
(500 pcs)
T = T/R
(250 pcs min.)
Blank =
standard
(dash number)
(up to 2 digits)
from 1 to 99
as applicable
P x R
M2
0M
F
2
5
0
DM
00
F
C
F
E


Similar Part No. - CDMM

ManufacturerPart #DatasheetDescription
logo
CUI INC
CDM-10008 CUI-CDM-10008 Datasheet
1Mb / 4P
metal frame
logo
CUI Devices
CDM-10008 CUID-CDM-10008 Datasheet
870Kb / 4P
SPEAKER
03/31/2023
logo
Merrimac Industries, In...
CDM-10M-.75G MERRIMAC-CDM-10M-.75G Datasheet
83Kb / 2P
DUAL DIRECTIONAL COUPLERS
CDM-10M-1.5G MERRIMAC-CDM-10M-1.5G Datasheet
83Kb / 2P
DUAL DIRECTIONAL COUPLERS
CDM-10M-10G MERRIMAC-CDM-10M-10G Datasheet
83Kb / 2P
DUAL DIRECTIONAL COUPLERS
More results

Similar Description - CDMM

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
T43D WELWYN-T43D Datasheet
164Kb / 2P
High Voltage Precision Thick Film Resistors
logo
IRC - a TT electronics ...
CGH IRCTT-CGH Datasheet
90Kb / 3P
Precision High-Voltage Thick Film Resistors
CGX IRCTT-CGX Datasheet
236Kb / 2P
Precision High-Voltage Thick-Film Resistors
logo
Ohmite Mfg. Co.
MC102821001JE OHMITE-MC102821001JE Datasheet
158Kb / 1P
High Voltage/High Resistance Precision Thick Film Surface Mount
MOX-F-011006DE OHMITE-MOX-F-011006DE Datasheet
147Kb / 1P
Precision Power Thick Film High Voltage/High Resistance Tubular
MOX-1-121000D OHMITE-MOX-1-121000D Datasheet
173Kb / 2P
Precision Thick Film Axial Terminal High Voltage/High Resistance
logo
TT Electronics.
CGH TTELEC-CGH_17 Datasheet
351Kb / 3P
Precision High-Voltage Thick Film Resistors
CGX TTELEC-CGX Datasheet
339Kb / 2P
Precision High-Voltage Thick Film Resistors
logo
Ohmite Mfg. Co.
MC101 OHMITE-MC101 Datasheet
363Kb / 2P
High Voltage/High Resistance Precision Thick Film Surface Mount
MOX-1-12 OHMITE-MOX-1-12 Datasheet
293Kb / 2P
Precision Thick Film Axial Terminal High Voltage
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com