Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDMM Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CDMM
Description  Molded Thick Film Divider, High Voltage, High Precision, Surface-Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CDMM Datasheet(HTML) 3 Page - Vishay Siliconix

  CDMM Datasheet HTML 1Page - Vishay Siliconix CDMM Datasheet HTML 2Page - Vishay Siliconix CDMM Datasheet HTML 3Page - Vishay Siliconix CDMM Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CDMM
www.vishay.com
Vishay Techno
Revision: 08-Oct-2021
3
Document Number: 68041
For technical questions, contact: te1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Applied voltage is based on the critical resistance value, not to exceed 500 V
Note
• Embossed carrier tape per EIA-481
The above image shows the orientation of the parts in the reel
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal shock
-55 °C to +150 °C, 1000 cycles, 15 min at each extreme
± 1.0 %
ΔR
High temperature exposure
1000 h at 155 °C
± 1.0 %
ΔR
Biased humidity
+85 °C, 85 % RH, 10 % rated power (1), 1000 h
± 2.0 %
ΔR
Mechanical shock
100 g’s for 11 ms, 5 pulses
± 0.5 %
ΔR
Vibration
Frequency varied 10 Hz to 500 Hz in 1 min, 3 directions, 9 h
± 0.5 %
ΔR
Load life
1000 h at rated power, +70 °C, 1.5 h “ON”, 0.5h “OFF”
± 1.0 %
ΔR
Resistance to solder heat
+260 °C solder, 10 s to 12 s dwell, 25 mm/s emergence
± 1.0 %
ΔR
PACKAGING
MODEL
TAPE WIDTH
DIAMETER
PIECES/REEL
CODE
CDMM
24 mm / embossed plastic
330 mm / 13"
1200
EF
1000
E1
500
E5
250
ET



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com