Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDMM Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CDMM
Description  Molded Thick Film Divider, High Voltage, High Precision, Surface-Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CDMM Datasheet(HTML) 2 Page - Vishay Siliconix

  CDMM Datasheet HTML 1Page - Vishay Siliconix CDMM Datasheet HTML 2Page - Vishay Siliconix CDMM Datasheet HTML 3Page - Vishay Siliconix CDMM Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CDMM
www.vishay.com
Vishay Techno
Revision: 08-Oct-2021
2
Document Number: 68041
For technical questions, contact: te1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Contact factory for other ratios
Note
(1) Dimensions includes the terminals
VOLTAGE AND TEMPERATURE COEFFICIENTS OF RESISTANCE CHART (TYPICAL)
GLOBAL MODEL
RESISTANCE
Ω
RATIO
(TYPICAL)
VCR
ppm/V
RATIO TRACKING
(-55 °C to +150 °C)
ppm/°C
CDMM
500K
100:1
-10
± 20
15M
250:1
-10
± 10
50M
500:1
-10
-50 to 0
DERATING CURVE
MECHANICAL SPECIFICATIONS
Resistive element
Ruthenium oxide (thick film)
Encapsulation
Molded thermoplastic
Substrate
Alumina
Termination
Solder-coated bronze
10
100
1000
10000
0
20
40
60
80
100
120
-55
-25
0
25
50
100 125 150 175
Axis Title
Ambient Temperature (°C)
70
ENVIRONMENTAL SPECIFICATIONS
Operating temperature
-55 °C to +155 °C
TYPICAL DC ELECTRICAL CIRCUIT
R1
R2
VIN
VOUT
+
-
+
-
1
3
2
2
2
3
1
DIMENSIONS in inches (millimeters)
L (1)
H (1)
WW1
A
B
C
E
a1
a2
b
l
0.455
± 0.020
(11.56
± 0.508)
0.167
± 0.010
(4.24
± 0.254)
0.275
± 0.005
(6.98
± 0.127)
0.216
± 0.005
(5.49
± 0.127)
0.100
± 0.010
(2.54
± 0.254)
0.100
± 0.010
(2.54
± 0.254)
0.083
± 0.005
(2.11
± 0.127)
0.050
± 0.005
(1.27
± 0.127)
0.225
(5.72)
0.87
(2.21)
0.145
(3.68)
0.255
(6.48)
E
B
C
H
L
W
W
1
A
6.22 ± 0.508
0.2450 ± 0.020
C
b
a2
a2
a1
b
l



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com