Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F5671CDDFM Datasheet (PDF) - Renesas Technology Corp

R5F5671CDDFM Datasheet PDF - Renesas Technology Corp
Part # R5F5671CDDFM
Download  R5F5671CDDFM Download
File Size   2806.49 Kbytes
Page   178 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 120-MHz 32-bit RX MCU, on-chip double-precision FPU, 707 CoreMark, up to 2-MB flash memory (supporting the dual bank function), 384-KB SRAM, various communications interfaces, including SD host interface, Quad SPI, and CAN, Capacitive touch sensing unit,

R5F5671CDDFM Datasheet (PDF)

Go To PDF Page Download Datasheet
R5F5671CDDFM Datasheet PDF - Renesas Technology Corp

Part # R5F5671CDDFM
Download  R5F5671CDDFM Click to download

File Size   2806.49 Kbytes
Page   178 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 120-MHz 32-bit RX MCU, on-chip double-precision FPU, 707 CoreMark, up to 2-MB flash memory (supporting the dual bank function), 384-KB SRAM, various communications interfaces, including SD host interface, Quad SPI, and CAN, Capacitive touch sensing unit,

R5F5671CDDFM Datasheet (HTML) - Renesas Technology Corp


R5F5671CDDFM Product details

■ 32-bit RXv3 CPU core
• Maximum operating frequency: 120 MHz
Capable of 707 CoreMark in operation at 120 MHz
• Double-precision 64-bit IEEE-754 floating point
• A collective register bank save function is available.
• Supports the memory protection unit (MPU)
• JTAG and FINE (one-line) debugging interfaces
■ Low-power design and architecture
• Operation from a single 2.7- to 3.6-V supply
• Battery supply of backup power allows continued operations of the
RTC and the backup registers.
• Four low-power modes
■ On-chip code flash memory
• Supports versions with up to 2 Mbytes of ROM
• No wait cycles at up to 60 MHz or when the ROM cache is hit, onewait
state at up to 120 MHz
• User code is programmable by on-board or off-board programming.
• Programming/erasing as background operations (BGOs)
• A dual-bank structure allows exchanging the start-up bank.
■ On-chip data flash memory
• 8 Kbytes, reprogrammable up to 100,000 times
• Programming/erasing as background operations (BGOs)
■ On-chip SRAM
• 384 Kbytes of SRAM (no wait states)
• 4 Kbytes of standby RAM (backup on deep software standby)
■ External address space
• Buses for full-speed data transfer (maximum operating frequency of
60 MHz)
• 8 CS areas
• 8- or 16-bit bus space is selectable per area
• Independent SDRAM area (128 Mbytes)
■ Data transfer
• DMACAb: 8 channels
• DTCb: 1 channel
• EXDMACa: 2 channels
■ Reset and supply management
• Power-on reset (POR)
• Low voltage detection (LVD) with voltage settings
• Backup domain low power detection
■ Clock functions
• External crystal resonator or internal PLL for operation at 8 to 24
MHz
• A sub-clock oscillator connectable to a 32.768-kHz crystal resonator
• Internal 240-kHz LOCO and HOCO selectable from 16, 18, and 20
MHz
• 120-kHz clock for the IWDTa
■ Real-time clock
• Adjustment functions (30 seconds, leap year, and error)
• Real-time clock counting and binary counting modes are selectable
• Time capture in response to an event-signal input
■ Independent watchdog timer
• Operates with the 120-kHz clock frequency generated by the
dedicated low-speed oscillator
■ Useful functions for IEC60730 compliance
• Oscillation-stoppage detection, frequency measurement, CRCA,
IWDTa, self-diagnostic function for the A/D converter, etc.
• Register write protection function that protects important registers
against overwriting
■ Remote control signal receiver




Similar Part No. - R5F5671CDDFM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F5671CDDFM RENESAS-R5F5671CDDFM Datasheet
2Mb / 179P
Renesas MCUs
Rev.1.20 Sep 30, 2024
More results


Similar Description - R5F5671CDDFM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX64M RENESAS-RX64M_16 Datasheet
2Mb / 228P
120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
RX634 RENESAS-RX634 Datasheet
902Kb / 106P
54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
RX72M RENESAS-RX72M Datasheet
1Mb / 158P
240-MHz 32-bit RX MCU, on-chip double-precision FPU, 1396 CoreMark
RX230 RENESAS-RX230_V01 Datasheet
3Mb / 170P
54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory, various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD hostnterface,serial sound interface, capacitive touch sensing unit,
Sep 28, 2018
RX660 RENESAS-RX660 Datasheet
1Mb / 123P
120-MHz 32-bit RX MCU, on-chip FPU, 709 CoreMark, Supportive of 5V power supply, up to 1-MB flash memory, up to 128-KB SRAM, 32-KB data flash memory, various communications interfaces, including CAN FD,12-bit A/D converter
Mar 18, 2022
RX66T RENESAS-RX66T_V01 Datasheet
1Mb / 151P
160-MHz, 32-bit RX MCU, on-chip FPU, 928 CoreMark, Supportive of 5V power supply,up to 1-MB flash memory, up to 128-KB SRAM, 32-KB data flash memory, 16-KB SRAM with ECC
Apr 22, 2022
RX71M RENESAS-RX71M Datasheet
1Mb / 164P
240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory
Rev.1.20 Oct 20, 2022
RX72N RENESAS-RX72N Datasheet
2Mb / 179P
240-MHz 32-bit RX MCU, on-chip double-precision FPU, 1396 CoreMark
Rev.1.11 Feb 26, 2021
RX66N RENESAS-RX66N Datasheet
1Mb / 175P
120-MHz 32-bit RX MCU, on-chip double-precision FPU, 698 CoreMark
Feb 26, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com