Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F5671CDDFM Datasheet (PDF) - Renesas Technology Corp

R5F5671CDDFM Datasheet PDF - Renesas Technology Corp
Part # R5F5671CDDFM
Download  R5F5671CDDFM Download
File Size   2409.3 Kbytes
Page   179 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Renesas MCUs

R5F5671CDDFM Datasheet (PDF)

Go To PDF Page Download Datasheet
R5F5671CDDFM Datasheet PDF - Renesas Technology Corp

Part # R5F5671CDDFM
Download  R5F5671CDDFM Click to download

File Size   2409.3 Kbytes
Page   179 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Renesas MCUs

R5F5671CDDFM Datasheet (HTML) - Renesas Technology Corp


R5F5671CDDFM Product details

120-MHz 32-bit RX MCU, on-chip double-precision FPU, 707 CoreMark,
up to 2-MB flash memory (supporting the dual bank function), 384-KB SRAM,
various communications interfaces, including SD host interface, Quad SPI, and CAN, Capacitive touch sensing unit, 12-bit A/D converter, RTC, Encryption function, Serial sound interface, Remote control signal receiver

■ 32-bit RXv3 CPU core
 Maximum operating frequency: 120 MHz
Capable of 707 CoreMark in operation at 120 MHz
 Double-precision 64-bit IEEE-754 floating point
 A collective register bank save function is available.
 Supports the memory protection unit (MPU)
 JTAG and FINE (one-line) debugging interfaces
■ Low-power design and architecture
 Operation from a single 2.7- to 3.6-V supply
 Battery supply of backup power allows continued operations of the
RTC and the backup registers.
 Four low-power modes
■ On-chip code flash memory
 Supports versions with up to 2 Mbytes of ROM
 No wait cycles at up to 60 MHz or when the ROM cache is hit, onewait
state at up to 120 MHz
 User code is programmable by on-board or off-board programming.
 Programming/erasing as background operations (BGOs)
 A dual-bank structure allows exchanging the start-up bank.
■ On-chip data flash memory
 8 Kbytes, reprogrammable up to 100,000 times
 Programming/erasing as background operations (BGOs)
■ On-chip SRAM
 384 Kbytes of SRAM (no wait states)
 4 Kbytes of standby RAM (backup on deep software standby)




Similar Part No. - R5F5671CDDFM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F5671CDDFM RENESAS-R5F5671CDDFM Datasheet
2Mb / 178P
120-MHz 32-bit RX MCU, on-chip double-precision FPU, 707 CoreMark, up to 2-MB flash memory (supporting the dual bank function), 384-KB SRAM, various communications interfaces, including SD host interface, Quad SPI, and CAN, Capacitive touch sensing unit,
Apr 15, 2022
More results


Similar Description - R5F5671CDDFM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F563NACDFP RENESAS-R5F563NACDFP Datasheet
840Kb / 108P
Renesas MCUs
R5F52108ADFP RENESAS-R5F52108ADFP_11 Datasheet
1Mb / 146P
Renesas MCUs
R5F56307CDFN RENESAS-R5F56307CDFN Datasheet
1Mb / 165P
Renesas MCUs
RX21A RENESAS-RX21A_15 Datasheet
1Mb / 132P
Renesas MCUs
RX62N RENESAS-RX62N_15 Datasheet
1Mb / 150P
Renesas MCUs
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
Renesas MCUs
RX71M RENESAS-RX71M_15 Datasheet
1Mb / 228P
Renesas MCUs
RX113 RENESAS-RX113_15 Datasheet
1Mb / 121P
Renesas MCUs
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
Renesas MCUs
RX13T RENESAS-RX13T Datasheet
1Mb / 65P
Renesas MCUs
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com