Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F5671CDDFM Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R5F5671CDDFM
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDFM Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5F5671CDDFM Datasheet HTML 3Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 4Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 5Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 6Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 7Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 8Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 9Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 10Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 179 page
background image
RX671 Group
1. Overview
R01DS0373EJ0120 Rev.1.20
Page 7 of 179
Sep 30, 2024
Timers
Programmable pulse
generator (PPG)
 (4 bits × 4 groups) × 2 units
 Pulse output with the MTU or TPU output as a trigger
 Maximum of 32 pulse-output possible
Realtime clock (RTCd)*1
 Clock sources: Main clock, sub clock
 Selection of the 32-bit binary count in time count/second unit possible
 Clock and calendar functions
 Interrupt sources: Alarm interrupt, periodic interrupt, and carry interrupt
 Battery backup operation
 Time capture function (up to 3 pins)
 Event linking by the ELC
Communication
function
USB 2.0 FS host/
function module (USBb)
 Includes a UDC (USB Device Controller) and transceiver for USB 2.0 FS
 Up to two ports
 Compliance with the USB 2.0 specification
 Transfer rate: Full speed (12 Mbps), low speed (1.5 Mbps) (host only)
 Both self-powered mode and bus-powered mode are supported
 OTG (On the Go) operation is possible (low-speed is not supported)
 Incorporates 2 Kbytes of RAM as a transfer buffer
 External pull-up and pull-down resistors are not required
Serial communications
interfaces
(SCIk, SCIm, SCIh)
 13 channels (SCIk: 10 channels + SCIh: 1 channel + SCIm: 2 channels)
 SCIk, SCIh, SCIm
Serial communications modes: Asynchronous, clock synchronous, and smart-card
interface
Multi-processor function
On-chip baud rate generator allows selection of the desired bit rate
Choice of LSB-first or MSB-first transfer
Start-bit detection: Level or edge detection is selectable.
Simple I2C
Simple SPI
9-bit transfer mode
Bit rate modulation
Double-speed mode
 SCIk, SCIh
Average transfer rate clock can be input from TMR timers for SCI5, SCI6, and SCI12
Event linking by the ELC (only on channel 5)
 SCIh
Supports the serial communications protocol, which contains the start frame and
information frame
Supports the LIN format
 SCIm
Data can be transmitted or received in sequence by the 16-byte FIFO buffers of the
transmission and reception unit
 SCIk, SCIm
Data match detection
Adjustment of the timing of sampling of the RXD signals
Table 1.1
Outline of Specifications (6/10)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com