Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F5671CDDFM Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R5F5671CDDFM
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDFM Datasheet(HTML) 5 Page - Renesas Technology Corp

  R5F5671CDDFM Datasheet HTML 1Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 2Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 3Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 4Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 5Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 6Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 7Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 8Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 179 page
background image
RX671 Group
1. Overview
R01DS0373EJ0120 Rev.1.20
Page 5 of 179
Sep 30, 2024
I/O ports
Programmable I/O ports
 I/O ports for the 145-pin TFLGA (0.65-mm pitch)
I/O pins: 111
Input pin: 1
Pull-up resistors: 111
Open-drain outputs: 111
5-V tolerance: 20
 I/O ports for the 145-pin TFLGA (0.50-mm pitch) and 144-pin LFQFP
I/O pins: 113
Input pin: 1
Pull-up resistors: 113
Open-drain outputs: 113
5-V tolerance: 20
 I/O ports for the 100-pin TFLGA and 100-pin LFQFP
I/O pins: 80
Input pin: 1
Pull-up resistors: 80
Open-drain outputs: 80
5-V tolerance: 18
 I/O ports for the 64-pin TFBGA
I/O pins: 43
Input pin: 1
Pull-up resistors: 43
Open-drain outputs: 43
5-V tolerance: 8
 I/O ports for the 64-pin LFQFP
I/O pins: 44
Input pin: 1
Pull-up resistors: 44
Open-drain outputs: 44
5-V tolerance: 8
 I/O ports for the 48-pin HWQFN
I/O pins: 33
Input pin: 1
Pull-up resistors: 33
Open-drain outputs: 33
5-V tolerance: 6
Event link controller (ELC)
 Event signals such as interrupt request signals can be interlinked with the operation of
functions such as timer counting, eliminating the need for intervention by the CPU to
control the functions.
 99 internal event signals can be freely combined for interlinked operation with
connected functions.
 Event signals from peripheral modules can be used to change the states of output pins
(of ports B and E).
 Changes in the states of pins (of ports B and E) being used as inputs can be interlinked
with the operation of peripheral modules.
Timers
16-bit timer pulse unit
(TPUa)
 (16 bits × 6 channels) × 1 unit
 Maximum of 16 pulse-input/output possible
 Select from among seven or eight counter-input clock signals for each channel
 Input capture/output compare function
 Output of PWM waveforms in up to 15 phases in PWM mode
 Support for buffered operation, phase-counting mode (two phase encoder input) and
cascade-connected operation (32 bits × 2 channels) depending on the channel.
 PPG output trigger can be generated
 Capable of generating conversion start triggers for the A/D converters
 Digital filtering of signals from the input capture pins
 Event linking by the ELC
8-bit timers (TMRb)
 (8 bits × 2 channels) × 2 units
 Select from among seven internal clock signals (PCLKB/1, PCLKB/2, PCLKB/8,
PCLKB/32, PCLKB/64, PCLKB/1024, PCLKB/8192) and one external clock signal
 Capable of output of pulse trains with desired duty cycles or of PWM signals
 The 2 channels of each unit can be cascaded to create a 16-bit timer
 Generation of triggers for A/D converter conversion
 Capable of generating baud-rate clocks for SCI5, SCI6, and SCI12
 Capable of generating operating clock for the remote control signal receiver (REMC)
 Event linking by the ELC
Table 1.1
Outline of Specifications (4/10)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com