Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F5671CDDFM Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # R5F5671CDDFM
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDFM Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button R5F5671CDDFM Datasheet HTML 96Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 97Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 98Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 99Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 100Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 101Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 102Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 103Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 100 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
Figure 2.14
Deep Software Standby Mode Recovery Timing
Table 2.24
Timing of Recovery from Low Power Consumption Modes (2)
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Recovery time from deep software standby mode
tDSBY
—
—
0.9
ms
Figure 2.14
Waiting time after recovery from deep software standby mode
tDSBYWT
23
—
24
tLcyc
Oscillator
IRQ
Internal reset
(Low is valid)
Reset exception handling start
Deep software standby mode
Deep software standby reset
(Low is valid)
tDSBY
tDSBYWT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com