Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F5671CDDFM Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # R5F5671CDDFM
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDFM Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button R5F5671CDDFM Datasheet HTML 90Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 91Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 92Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 93Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 94Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 95Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 96Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 97Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 94 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
Figure 2.6
LOCO Clock Oscillation Start Timing
Figure 2.7
IWDT-dedicated Low-Speed Clock Oscillation Start Timing
Table 2.18
LOCO and IWDT-Dedicated Low-Speed Clock Timing
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
LOCO clock cycle time
tLcyc
3.78
4.16
4.63
µs
LOCO clock oscillation frequency
fLOCO
216 (–10%)
240
264 (+10%)
kHz
LOCO clock oscillation stabilization waiting time
tLOCOWT
—
—
44
µs
Figure 2.6
IWDT-dedicated low-speed clock cycle time
tILcyc
7.57
8.33
9.26
µs
IWDT-dedicated low-speed clock oscillation
frequency
fILOCO
108 (–10%)
120
132 (+10%)
kHz
IWDT-dedicated low-speed clock oscillation
stabilization waiting time
tILOCOWT
—
142
190
µs
Figure 2.7
LOCO clock
LOCOCR.LCSTP
tLOCOWT
On-chip oscillator output
OSCOVFSR.ILCOVF
ILOCOCR.ILCSTP
tILOCOWT
IWDT-dedicated
low-speed clock
IWDT-dedicated on-chip
oscillator output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com