Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F5671CDDFM Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # R5F5671CDDFM
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDFM Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button R5F5671CDDFM Datasheet HTML 94Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 95Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 96Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 97Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 98Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 99Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 100Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 101Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 98 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
2.4.3
Timing of Recovery from Low Power Consumption Modes
Note 1. The time for recovery from software standby mode is determined by the value obtained by adding the oscillation stabilization
waiting time (tSBYOSCWT) and the time required for operations by the software standby release sequencer (tSBYSEQ).
Note 2. When several oscillators were running before the transition to software standby, the greatest value of the oscillation stabilization
waiting time tSBYOSCWT is selected.
Note 3. For n, the greatest value is selected from among the internal clock division settings.
Note 4. This condition applies when fICLK:fFCLK = 1:1, 2:1, or 4:1.
Table 2.23
Timing of Recovery from Low Power Consumption Modes (1)
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Ta = Topr
Item
Symbol Min. Typ.
Max.
Unit
Test
Conditions
tSBYOSCWT*2
tSBYSEQ*3
Recovery time
from software
standby mode
*1
Crystal
resonator
connected to
main clock
oscillator
Main clock
oscillator
operating
tSBYMC
—
—
{(MSTS[7:0] bit × 32)
+ 76} / 0.216
100 + 7 / fICLK +
2n / fMAIN
µs
Figure 2.13
Main clock
oscillator and
PLL circuit
operating
tSBYPC
{(MSTS[7:0] bit × 32)
+ 138} / 0.216
100 + 7 / fICLK +
2n / fPLL
External clock
input to main
clock oscillator
Main clock
oscillator
operating
tSBYEX
352
100 + 7 / fICLK +
2n / fEXMAIN
Main clock
oscillator and
PLL circuit
operating
tSBYPE
639
100 + 7 / fICLK +
2n / fPLL
Sub-clock oscillator operating
tSBYSC
{(SSTS[7:0] bit ×
16384) + 13} / 0.216
+ 10 / fFCLK
100 + 4 / fICLK +
2n / fSUE
High-speed
on-chip
oscillator
operating
High-speed
on-chip
oscillator
operating
tSBYHO
454
100 + 7 / fICLK +
2n / fHOCO
High-speed
on-chip
oscillator
operating and
PLL circuit
operating
tSBYPH
741
100 + 7 / fICLK +
2n / fPLL
Low-speed on-chip oscillator
operating*4
tSBYLO
338
100 + 7 / fICLK +
2n / fLOCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com