Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F5671CDDFM Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F5671CDDFM
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDFM Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F5671CDDFM Datasheet HTML 1Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 2Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 3Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 4Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 5Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 6Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 7Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 8Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 179 page
background image
RX671 Group
1. Overview
R01DS0373EJ0120 Rev.1.20
Page 4 of 179
Sep 30, 2024
Low power
consumption
Low power consumption
function
 Module stop function
 Four low power consumption modes
Sleep mode, all-module clock stop mode, software standby mode, and deep software
standby mode
Battery backup function
 When the voltage on the VCC pin drops, power can be supplied to the backup power
area from the VBATT pin.
 Backup power area:
Sub-clock oscillator
Realtime clock
Backup register
Tamper detection
 Detection of low voltage in the backup power area
Interrupt
Interrupt controller
(ICUE)
 Peripheral function interrupts: 256 sources
 External interrupts: 16 (pins IRQ0 to IRQ15)
 Software interrupts: 2 sources
 Non-maskable interrupts: 8 sources
 Sixteen levels specifiable for the order of priority
 Method of interrupt source selection:
The interrupt vectors consist of 256 vectors (128 sources are fixed. The remaining 133
vectors are selected from among the other 128 sources.)
External bus extension
 The external address space can be divided into eight areas (CS0 to CS7), each with
independent control of access settings.
Capacity of each area: 16 Mbytes (CS0 to CS7)
A chip-select signal (CS0# to CS7#) can be output for each area.
Each area is specifiable as an 8-, or 16-bit bus space.
The data arrangement in each area is selectable as little or big endian (only for data).
 SDRAM interface connectable
 Bus format: Separate bus, multiplex bus
 Wait control
 Write buffer facility
DMA
DMA controller
(DMACAb)
 8 channels
 Three transfer modes: Normal transfer, repeat transfer, and block transfer
 Activation sources: Software trigger, external interrupts, and interrupt requests from
peripheral functions
 Transfer space: 4 Gbytes (0000 0000h to FFFF FFFFh excluding reserved areas)
EXDMA controller
(EXDMACa)
 2 channels
Four transfer modes: Normal transfer, repeat transfer, block transfer, and cluster
transfer
 Single-address transfer enabled with the EDACKn signal
 Request sources: Software trigger, external DMA requests (EDREQn), and interrupt
requests from peripheral functions
Data transfer controller
(DTCb)
 Three transfer modes: Normal transfer, repeat transfer, and block transfer
 Request sources: External interrupts and interrupt requests from peripheral functions
 Sequence transfer
Table 1.1
Outline of Specifications (3/10)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com